Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Fault
type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
Cell
severe
OV
If a cell voltage raises
above
VCELL_SEVERE_OV_
TH, the severe OV fault
is acknowledged
FAULTN_SAFE is
pulled low for
TFAULTN_SAFE_LOW (if
a pulse on
FAULTN_SAFE pin was
not already generated
after a previous not
masked and not cleared
Cell OV / Cell Severe
OV detection)
If a cell voltage falls
below
VCELL_SEVERE_OV_
TH, the cell severe OV
flag can be cleared by
MCU
FAULTN line is released
CELL_SEVERE_OV_R
ST_MSK masks
reaction FAULTN_SAFE
pin
FAULTN line is asserted
CELL_SEVERE_OV_FA
ULTN_MSK masks
reaction on FAULTN pin
Cell
balance
UV
If a cell
voltage falls below
VCELL_BAL_UV_TH,
the corresponding
Bal UV counter is
incremented by 1
The BAL<x>_UV flag is
set
If a cell
voltage raises above
VCELL_BAL_UV_TH,
the corresponding
Bal UV counter is
decremented by 1.
The Balancing FET
is restored to the
status defined by
the corresponding
BAL<x>_ON bit
VCELL<x>_EN
masks measurement
execution. The Bal UV
flag of a disabled cell
can always be cleared
If the Bal UV counter
reaches
VCELL_BAL_UV_CNT_
TH, it saturates the Bal
UV fault is
acknowledged
Any ongoing balancing
is stopped on the
affected cell, regardless
of BAL<x>_ON bit
If the Bal UV counter
reaches zero, the Bal
UV flag can be cleared
by MCU
FAULTN line is released
BAL_UV_BAL_MSK
masks reaction on
balancing
FAULTN line is asserted
BAL_UV_FAULTN_MSK
masks reaction on
FAULTN pin
3.4.1.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4; TJ according operating range of Table 7.
Table 11. Cell voltage monitor electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCELL_RANGE
Cell voltage input measurement range
Design info
1
4.7
V
VCELL_RES
Cell voltage measurement resolution
Design info, effective
range [0-5]V
1.22
(5 V/212)
mV
NBIT
ADC bit number
Design info
12
bit
ICELL_LEAK
Cx leakage current
ADC not converting
500
nA
VCELLERR1
ADC total conversion error
range 1
1 V ≤ VCELL < 1.5 V
-40 °C< TJ<120 °C
-25
25
mV
VCELLERR2
ADC total conversion error
range 2
1.5 V ≤ VCELL ≤ 4.5 V
-40 °C< TJ<105 °C
-15
15
mV
VCELLERR3
ADC total conversion error
range 3
4.5 V ≤ VCELL ≤ 4.7 V
-40 °C< TJ<120°C
-25
25
mV
VCELLERR4
ADC total conversion error
range 4
1.5 V ≤ VCELL ≤ 4.5
V
105 °C < TJ < 120 °C
-25
25
mV
VCELL_NOISE
Cell conversion noise
1
LSB rms
TCELL_FILTER1
Cell and VB acquisition filter time
0.8
ms
L9961
Voltage conversion routine
DS14012 - Rev 1
page 17/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com