Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 53Page - STMicroelectronics L9961 Datasheet HTML 54Page - STMicroelectronics L9961 Datasheet HTML 55Page - STMicroelectronics L9961 Datasheet HTML 56Page - STMicroelectronics L9961 Datasheet HTML 57Page - STMicroelectronics L9961 Datasheet HTML 58Page - STMicroelectronics L9961 Datasheet HTML 59Page - STMicroelectronics L9961 Datasheet HTML 60Page - STMicroelectronics L9961 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
Symbol
Tolerance of form and position
Notes
// // //
The tolerance that controls the position
of the exposed metal heat feature. The
center of the tolerance zone will be the
datum’s defined by the centerlines of the
package body.
Notes
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994
2.
All Dimensions are in millimeters
3.
Terminal A1 identifier and terminal numbering convention shall conform to JEP95 SPP-002. Terminal A1
identifier must be located within the zone indicated on the outline drawing. Topside terminal A1 indicator
may be a molded, or metalized feature. Optional indicator on bottom surface may be a molded, marked or
metallized feature
4.
Outlines with “D” and “E” increments less than 0.5 mm should be registered as “stand alone” outlines. These
outlines should use as many of the algorithms and dimensions states in the design standard as possible to
insure predictability in manufacturing
5.
Dimension ‘b’ / ‘b1’ / ‘b2’ applies to metallized terminal and is measured between 0.15 mm and 0.30 mm
from the terminal tip. If the terminal has the optional radius on the other end of the terminal, the dimension
‘b’ / ‘b1’ / ‘b2’ should not be measured in that radius area
6.
Inner edge of corner terminals may be chamfered or rounded in order to achieve minimum gap “k”. This
feature should not affect the terminal width “b” / ‘b1’ / ‘b2’, which is measured L/2 from the edge of the
package body
7.
Exact shape of the leads at the edge of the package is optional
8.
“N” is the maximum number of terminal positions for the specified body size. Depopulation is allowed, but
only under the following conditions
–
Depopulation scheme must be consistent in each quadrant of the package.
–
Non-symmetric variations should be broken out as separate mechanical outline variations, including
depopulation graphics
9.
A1 is defined as the distance from the seating plane to the lowest point on the package body (standoff)
10. Dimension D2 and E2 refer to exposed pad. For exposed pad dimensions see variations table Table 43
11. For tolerance of form and position see Table 44.
12. Critical dimensions:
–
12.1 A
–
12.2 A1
–
12.3 A3
–
12.4 D & E
–
12.5 B & L
–
12.6 e
–
12.7 D2 & E2
13. Dimensions “b” / ‘b1’ / ‘b2’ and “L” are measured at terminal plating surface.
14. For symbols, recommended values and tolerances see table Table 44: (according to package or JEDEC
SPEC if registred).
L9961
VFQFPN (5x5x1.00 mm) package information
DS14012 - Rev 1
page 57/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com