Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VVREG_LOAD_REG_NORM
Load regulation
NORMAL state
Iload from 0 μA to 15 mA (and
viceversa), with ideal step transition
-160
+160
mV
VVREG_STBY
Regulated voltage
STANDBY state
-30 °C< TAMB=TJ <60 °C
2.8
3.6
V
IVREG_STBY
Output current
STANDBY state
-30 °C< TAMB=TJ <60 °C
Application info
1
300
μA
VVREG_LIN_REG_STBY
Line reg stby
STANDBY state
VB from 4.3V to 22 V in 100 μs
Iload=0, 50 μA guaranteed by design
-250
+250
mV
VVREG_LOAD_REG_STBY
Load regulation in
STANDBY
STANDBY state
Iload= step 0-50 μA in 100 μs
-400
+400
mV
VVREG_LOAD_REG_STBY_OVL
Overload regulation in
STANDBY
STANDBY state
Iload= step 0-IWAKEMAX, pulse lasting
TWAKEMAX
-30 °C< TAMB=TJ<60 °C
2.7
V
VVREG_NORM_UV
VREG Undervoltage
threshold in NORMAL
state
2.6
2.7
2.9
V
TVREG_UV_FIL
VREG UV filter time in
NORMAL state
20
μs
TVREG_UV_BLK
VREG UV blanking
time upon transition to
NORMAL state
8
ms
VVREG_STBY_UV
VREG Undervoltage
threshold in STANDBY
state
STANDBY state
2.1
2.5
2.8
V
CREG
External LDO capacitance Application info, required for stability
-20% 4.7 +20%
μF
3.4
Voltage conversion routine
While in NORMAL state, L9961 cyclically executes the voltage conversion routine as shown in Figure 6. Task
execution time is TADCV_CONV, which is the sum of the individual step duration:
•
NCELL represents the number of enabled cells. The TCELL_FILTER filter time is applied to each cell
conversion. At least 3 cells must be converted
•
The TCELL_FILTER filter time is also applied to VB pin conversion (if enabled)
•
The TTEMP_FILTER filter time is applied to NTC conversion (if enabled)
•
The TTEMP_FILTER filter time is applied to Die Temperature conversion, which is always performed
•
The task is scheduled to run every TMEAS_CYCLE (programmable in TCYCLE field). Changing configuration
parameters while a conversion is ongoing may result in inadvertent faults and reactions. MCU is supposed
to disable the voltage conversion routine programming TMEAS_CYCLE = 0x0 before applying a new
configuration set.
L9961
Voltage conversion routine
DS14012 - Rev 1
page 14/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com