Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TCURFILTER
=528us*23+CODE
NBIT_CSA
ADC bit number: encoding is in
2’s complement
Design info
16
bit
VCUR_RES
CSA resolution
Design info
VDIFF_RANGE_E
XT /2
NBIT_CSA-1
mV
ICSA_LEAK
ISENSEP, ISENSEM input
leakage differential current
ISENSEP, ISENSEM in
[0-3.3] V range
190
nA
RCSA_IN_DIFF
ISENSEP, ISENSEM differential
input impedance
ISENSEP-ISENSEM falls
within VDIFF_RANGE
Guaranteed by design
400
kΩ
CSAGAIN_ERR_CAL
ADC post-calibration gain error
Post-soldering
After customer EOL
calibration using a single
point
TAMB = 25 °C
2.6 mV < | ISENSEP-
ISENSEM | < VDIFF_RANGE
-0.1
0.1
%
CSAGAIN_ERR
ADC native gain error
Post-soldering
TAMB = 25 °C
2.6 mV < | ISENSEP-
ISENSEM | < VDIFF_RANGE
0.5
0.5
%
CSAGAIN_ERR_THERM_DRI
FT
Gain error thermal drift
Guaranteed by
characterization
ISENSEP-ISENSEM falls
within VDIFF_RANGE
-1
+1
LSB/°C
CSAOFFSET_ERR
ADC native offset error
Long term average over
100 samples using Coulomb
counter
TAMB = 25 °C
-1
1
LSB
CSALOW_RANGE_ERR
Total conversion error in low
range, including post-soldering,
ageing effects and INL
0 mV < | ISENSEP-
ISENSEM | ≤ 2.6 mV
Guaranteed by test bench
characterization
TAMB = 25 °C
-2
+2
LSB
CSAOFFSET_ERR_THERM_
DRIFT
Offset error thermal drift
Guaranteed by
characterization
-0.007
0.007
LSB/°C
VCSA_NOISE
+/- 3σ distribution over 100
samples
Guaranteed by
characterization
-7
7
LSB
CSAINL_ERR
ADC integral non linearity error
Guaranteed by
characterization
-8
8
LSB
L9961
Current conversion routine
DS14012 - Rev 1
page 27/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com