Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
3.5.2
Coulomb counting
To enable the accumulation function, the CC_ACC_EN bit must be set. When Coulomb counting is active, current
samples are continuously accumulated in the CC_ACC register, while the CC_SAMPLE_CNT counts the number
of samples stored in the accumulator. Disabling the Coulomb counting will cause accumulator and sample counter
reset: to avoid loss of information, the MCU is supposed to download the Coulomb counter information before
disabling it.
MCU must periodically poll the Coulomb counter to retrieve the charge information. The following procedure has
to be implemented in order to guarantee proper data synchronization between accumulator and sample counter:
1.
MCU writes CC_ACC_MSB register with 0xFFFF data[end]
a.
The accumulator is cleared upon write
b.
A snapshot of the internal sample counter and accumulator is loaded into CC_SAMPLE_CNT,
CC_ACC_MSB and CC_ACC_LSB fields
c.
The shadow register of the internal sample counter is meanwhile reset.
2.
MCU reads the CC_ACC_MSB register
3.
MCU reads the CC_ACC_LSB_CNTR register.
The Coulomb counting operation requires the MCU to track the charge added/subtracted from the battery pack
over time. L9961 helps tracking the charge variation ΔQ in the battery pack by continuously acquiring and
accumulating the current. This significantly reduces the MCU reading rate, simplifying user SW.
Coulomb counting routine may refer to a known previous charge Q(t0) and apply the following equation:
Coulomb counting algorithm
Qtk =Qt0+∆Q=Qt0+∆T∑k=1KICELLk =Qt0+TCUR_FILTER
RSHUNT ∑k=1KVDIFFk
∑k=1KVDIFFk =CC_ACC*VCUR_RES
(6)
Where:
•
VDIFF = ISENSEP-ISENSEM
•
CC_ACC is the accumulator, encoded in 2’s complement
•
RSHUNT is the external shunt resistor mounted between ISENSEP and ISENSEM
Then, the Q(tk) just evaluated becomes the Q(t0) for the next iteration.
The CC_SAT read-only flag reports the status of the accumulator and sample counter: if one of the two
accumulators of the two saturates, the CC_SAT is set to ‘1’ and a RDY pulse is generated to inform MCU
that the registers. Meanwhile, the accumulation is stopped and CC_ACC and CC_SAMPLE_CNT are frozen.
3.5.2.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4 ; TJ according operating range of Table 7.
Table 19. Coulomb counter electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
NACC
Coulomb counter accumulator size
Design info
-
24
-
bit
NSAMPLE_CNT
Coulomb counter sample counter
size
Design info
-
8
-
bit
L9961
Current conversion routine
DS14012 - Rev 1
page 28/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com