Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics L9961 Datasheet HTML 41Page - STMicroelectronics L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics L9961 Datasheet HTML 44Page - STMicroelectronics L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
The elementary WRITE operation consists of:
1.
A START condition
2.
The SLAVE ADDRESS byte (with R/ W = 0) identifying the slave device to be activated
3.
The REGISTER ADDRESS byte identifying the memory address where data has to be written
4.
Two data bytes
5.
An optional CRC byte covering all the previous bytes.
In a block write, the operation can continue by sending other packets formed by two data bytes and an optional
CRC covering the previous two bytes. The REGISTER ADDRESS defined at step 3 will be considered as the
starting address, and the memory address counter will be incremented by 1 at every 2 bytes received.
In case REGISTER ADDRESS saturates, L9961 will generate a NACK and data will not be written into internal
regs.
In case the received CRC is wrong, L9961 generates a NACK and the corresponding data is not written into
internal registers.
The WRITE operation terminates with a STOP condition.
3.10.5
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4; TJ according operating range of Table 7.
Table 31. I2C electrical parameters
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
FSCL
Communication frequency
Guaranteed by
design
80
400
kHz
tLOW
LOW period of the SCL clock
1.3
μs
tHIGH
HIGH period of the SCL clock
0.6
μs
tHD_STA
SCL hold (high) time, after SDA falling edge has created
the START condition, for the START condition to be correctly
detected
0.6
μs
tSU_STA
SCL set-up time to high (SDA already high) before SDA falling
edge creates the START condition sequence (by falling when
SCL is steadily high)
0.6
μs
tHD_DAT
SDA hold time after SCL falling edge
300
-
ns
tSU_DAT
SDA set-up time before SCL rising edge
100
-
ns
tr
Rise time of SDA signal
With 4.7 kΩ pullup
resistor and 40 pF
load
0
300
ns
tf
Fall time of SDA signal
With 4.7 kΩ pullup
resistor and 40 pF
load
0
300
ns
trf_SCL
Rise/fall time SCL signal
0
300
ns
tSU_STO
SCL set-up time to high (SDA already low) before SDA rising
edge creates the STOP condition sequence (by rising when SCL
is steadily high)
0.6
μs
tHD_STO
SCL hold (high) time, after SDA rising edge has created the
STOP condition, for the STOP condition to be correctly detected
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
Cb
Capacitive load for each bus line
400
pF
tVD_DAT_ACK Data (ACK) valid time
0.9
μs
TI2C_TIMEOUT
46
50
54
ms
L9961
I2C protocol layer
DS14012 - Rev 1
page 42/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com