Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 160 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 160 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 156Page - STMicroelectronics LSM6DSOX Datasheet HTML 157Page - STMicroelectronics LSM6DSOX Datasheet HTML 158Page - STMicroelectronics LSM6DSOX Datasheet HTML 159Page - STMicroelectronics LSM6DSOX Datasheet HTML 160Page - STMicroelectronics LSM6DSOX Datasheet HTML 161Page - STMicroelectronics LSM6DSOX Datasheet HTML 162Page - STMicroelectronics LSM6DSOX Datasheet HTML 163Page - STMicroelectronics LSM6DSOX Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 199 page
background image
16
Sensor hub register mapping
The table given below provides a list of the registers for the sensor hub functions available in the device and the
corresponding addresses. The sensor hub registers are accessible when bit SHUB_REG_ACCESS is set to '1' in
FUNC_CFG_ACCESS (01h).
Table 416. Register address map - sensor hub registers
Name
Type
Register address
Default
Comment
Hex
Binary
SENSOR_HUB_1
r
02
00000010
output
SENSOR_HUB_2
r
03
00000011
output
SENSOR_HUB_3
r
04
00000100
output
SENSOR_HUB_4
r
05
00000101
output
SENSOR_HUB_5
r
06
00000110
output
SENSOR_HUB_6
r
07
00000111
output
SENSOR_HUB_7
r
08
00001000
output
SENSOR_HUB_8
r
09
00001001
output
SENSOR_HUB_9
r
0A
00001010
output
SENSOR_HUB_10
r
0B
00001011
output
SENSOR_HUB_11
r
0C
00001100
output
SENSOR_HUB_12
r
0D
00001101
output
SENSOR_HUB_13
r
0E
00001110
output
SENSOR_HUB_14
r
0F
00001111
output
SENSOR_HUB_15
r
10
00010000
output
SENSOR_HUB_16
r
11
00010001
output
SENSOR_HUB_17
r
12
00010010
output
SENSOR_HUB_18
r
13
00010011
output
MASTER_CONFIG
rw
14
00010100
00000000
SLV0_ADD
rw
15
00010101
00000000
SLV0_SUBADD
rw
16
00010110
00000000
SLV0_CONFIG
rw
17
0001 0111
00000000
SLV1_ADD
rw
18
00011000
00000000
SLV1_SUBADD
rw
19
00011001
00000000
SLV1_CONFIG
rw
1A
00011010
00000000
SLV2_ADD
rw
1B
00011011
00000000
SLV2_SUBADD
rw
1C
00011100
00000000
SLV2_CONFIG
rw
1D
00011101
00000000
SLV3_ADD
rw
1E
00011110
00000000
SLV3_SUBADD
rw
1F
00011111
00000000
SLV3_CONFIG
rw
20
00100000
00000000
DATAWRITE_SLV0
rw
21
00100001
00000000
STATUS_MASTER
r
22
00100010
output
LSM6DSOX
Sensor hub register mapping
DS12814 - Rev 3
page 160/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com