Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 172 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 172 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 168Page - STMicroelectronics LSM6DSOX Datasheet HTML 169Page - STMicroelectronics LSM6DSOX Datasheet HTML 170Page - STMicroelectronics LSM6DSOX Datasheet HTML 171Page - STMicroelectronics LSM6DSOX Datasheet HTML 172Page - STMicroelectronics LSM6DSOX Datasheet HTML 173Page - STMicroelectronics LSM6DSOX Datasheet HTML 174Page - STMicroelectronics LSM6DSOX Datasheet HTML 175Page - STMicroelectronics LSM6DSOX Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 199 page
background image
17.29
SLV3_ADD (1Eh)
I²C slave address of the fourth external sensor (Sensor 4) register (r/w).
Table 473. SLV3_ADD register
Slave3_add6
Slave3_add5
Slave3_add4
Slave3_add3
Slave3_add2
Slave3_add1
Slave3_add0
r_3
Table 474. SLV3_ADD register description
Slave3_add[6:0]
I2C slave address of Sensor 4 that can be read by the sensor hub.
r_3
Read operation on Sensor 4 enable. Default value: 0
(0: read operation disabled; 1: read operation enabled)
17.30
SLV3_SUBADD (1Fh)
Address of register on the fourth external sensor (Sensor 4) register (r/w).
Table 475. SLV3_SUBADD register
Slave3_reg7
Slave3_reg6
Slave3_reg5
Slave3_reg4
Slave3_reg3
Slave3_reg2
Slave3_reg1
Slave3_reg0
Table 476. SLV3_SUBADD register description
Slave3_reg[7:0]
Address of register on Sensor 4 that has to be read according to the r_3 bit value in SLV3_ADD (1Eh).
17.31
SLAVE3_CONFIG (20h)
Fourth external sensor (Sensor 4) configuration register (r/w).
Table 477. SLAVE3_CONFIG register
0(1)
0(1)
0(1)
0(1)
BATCH_EXT
_SENS_3_EN
Slave3_
numop2
Slave3_
numop1
Slave3_
numop0
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 478. SLAVE3_CONFIG register description
BATCH_EXT_SENS_3_EN
Enable FIFO batching data of fourth slave. Default value: 0
Slave3_numop[2:0]
Number of read operations on Sensor 4. Default value: 000
LSM6DSOX
SLV3_ADD (1Eh)
DS12814 - Rev 3
page 172/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com