Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 171 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 171 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 167Page - STMicroelectronics LSM6DSV Datasheet HTML 168Page - STMicroelectronics LSM6DSV Datasheet HTML 169Page - STMicroelectronics LSM6DSV Datasheet HTML 170Page - STMicroelectronics LSM6DSV Datasheet HTML 171Page - STMicroelectronics LSM6DSV Datasheet HTML 172Page - STMicroelectronics LSM6DSV Datasheet HTML 173Page - STMicroelectronics LSM6DSV Datasheet HTML 174Page - STMicroelectronics LSM6DSV Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 187 page
background image
9.12
WHO_AM_I (0Fh) ............................................................. 61
9.13
CTRL1 (10h) ................................................................. 62
9.14
CTRL2 (11h) ................................................................. 63
9.15
CTRL3 (12h) ................................................................. 64
9.16
CTRL4 (13h) ................................................................. 65
9.17
CTRL5 (14h) ................................................................. 66
9.18
CTRL6 (15h) ................................................................. 66
9.19
CTRL7 (16h) ................................................................. 67
9.20
CTRL8 (17h) ................................................................. 68
9.21
CTRL9 (18h) ................................................................. 69
9.22
CTRL10 (19h) ................................................................ 71
9.23
CTRL_STATUS (1Ah).......................................................... 71
9.24
FIFO_STATUS1 (1Bh) ......................................................... 72
9.25
FIFO_STATUS2 (1Ch) ......................................................... 72
9.26
ALL_INT_SRC (1Dh) .......................................................... 73
9.27
STATUS_REG (1Eh)........................................................... 74
9.28
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 75
9.29
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 75
9.30
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 76
9.31
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 76
9.32
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 77
9.33
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 77
9.34
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 78
9.35
UI_OUTX_L_G_OIS_EIS (2Eh) and UI_OUTX_H_G_OIS_EIS (2Fh) .................. 78
9.36
UI_OUTY_L_G_OIS_EIS (30h) and UI_OUTY_H_G_OIS_EIS (31h) .................. 79
9.37
UI_OUTZ_L_G_OIS_EIS (32h) and UI_OUTZ_H_G_OIS_EIS (33h) .................. 79
9.38
UI_OUTX_L_A_OIS_DualC (34h) and UI_OUTX_H_A_OIS_DualC (35h) .............. 80
9.39
UI_OUTY_L_A_OIS_DualC (36h) and UI_OUTY_H_A_OIS_DualC (37h) .............. 80
9.40
UI_OUTZ_L_A_OIS_DualC (38h) and UI_OUTZ_H_A_OIS_DualC (39h) .............. 81
9.41
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 81
9.42
UI_STATUS_REG_OIS (44h) ................................................... 82
9.43
WAKE_UP_SRC (45h) ......................................................... 82
9.44
TAP_SRC (46h)............................................................... 83
9.45
D6D_SRC (47h) .............................................................. 84
9.46
EMB_FUNC_STATUS_MAINPAGE (49h) ......................................... 85
9.47
FSM_STATUS_MAINPAGE (4Ah) ............................................... 85
LSM6DSV
Contents
DS13476 - Rev 2
page 171/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com