Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 175 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 175 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 171Page - STMicroelectronics LSM6DSV Datasheet HTML 172Page - STMicroelectronics LSM6DSV Datasheet HTML 173Page - STMicroelectronics LSM6DSV Datasheet HTML 174Page - STMicroelectronics LSM6DSV Datasheet HTML 175Page - STMicroelectronics LSM6DSV Datasheet HTML 176Page - STMicroelectronics LSM6DSV Datasheet HTML 177Page - STMicroelectronics LSM6DSV Datasheet HTML 178Page - STMicroelectronics LSM6DSV Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 187 page
background image
15.3.3
EXT_3BYTE_OFFSET_XL
(06h),
EXT_3BYTE_OFFSET_L
(07h)
and
EXT_3BYTE_OFFSET_H (08h) ........................................... 150
16
Sensor hub register mapping ................................................... 151
17
Sensor hub register description................................................. 152
17.1
SENSOR_HUB_1 (02h) .......................................................152
17.2
SENSOR_HUB_2 (03h) .......................................................152
17.3
SENSOR_HUB_3 (04h) .......................................................152
17.4
SENSOR_HUB_4 (05h) .......................................................153
17.5
SENSOR_HUB_5 (06h) .......................................................153
17.6
SENSOR_HUB_6 (07h) .......................................................153
17.7
SENSOR_HUB_7 (08h) .......................................................154
17.8
SENSOR_HUB_8 (09h) .......................................................154
17.9
SENSOR_HUB_9 (0Ah).......................................................154
17.10 SENSOR_HUB_10 (0Bh)......................................................155
17.11 SENSOR_HUB_11 (0Ch)......................................................155
17.12 SENSOR_HUB_12 (0Dh)......................................................155
17.13 SENSOR_HUB_13 (0Eh)......................................................156
17.14 SENSOR_HUB_14 (0Fh) ......................................................156
17.15 SENSOR_HUB_15 (10h) ......................................................156
17.16 SENSOR_HUB_16 (11h) ......................................................157
17.17 SENSOR_HUB_17 (12h) ......................................................157
17.18 SENSOR_HUB_18 (13h) ......................................................157
17.19 MASTER_CONFIG (14h) ......................................................158
17.20 SLV0_ADD (15h).............................................................159
17.21 SLV0_SUBADD (16h).........................................................159
17.22 SLV0_CONFIG (17h) .........................................................159
17.23 SLV1_ADD (18h).............................................................160
17.24 SLV1_SUBADD (19h).........................................................160
17.25 SLV1_CONFIG (1Ah) .........................................................160
17.26 SLV2_ADD (1Bh) ............................................................161
17.27 SLV2_SUBADD (1Ch) ........................................................161
17.28 SLV2_CONFIG (1Dh) .........................................................161
17.29 SLV3_ADD (1Eh) ............................................................162
17.30 SLV3_SUBADD (1Fh).........................................................162
17.31 SLV3_CONFIG (20h) .........................................................162
17.32 DATAWRITE_SLV0 (21h)......................................................163
LSM6DSV
Contents
DS13476 - Rev 2
page 175/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com