Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 173 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 173 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 169Page - STMicroelectronics LSM6DSV Datasheet HTML 170Page - STMicroelectronics LSM6DSV Datasheet HTML 171Page - STMicroelectronics LSM6DSV Datasheet HTML 172Page - STMicroelectronics LSM6DSV Datasheet HTML 173Page - STMicroelectronics LSM6DSV Datasheet HTML 174Page - STMicroelectronics LSM6DSV Datasheet HTML 175Page - STMicroelectronics LSM6DSV Datasheet HTML 176Page - STMicroelectronics LSM6DSV Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 187 page
background image
11
SPI2 register description........................................................ 109
11.1
SPI2_WHO_AM_I (0Fh).......................................................109
11.2
SPI2_STATUS_REG_OIS (1Eh) ................................................109
11.3
SPI2_OUT_TEMP_L (20h) and SPI2_OUT_TEMP_H (21h).........................109
11.4
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h) ..................... 110
11.5
SPI2_OUTY_L_G_OIS (24h) and SPI2_OUTY_H_G_OIS (25h) ..................... 110
11.6
SPI2_OUTZ_L_G_OIS (26h) and SPI2_OUTZ_H_G_OIS (27h) ..................... 111
11.7
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) ..................... 111
11.8
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh) ..................... 112
11.9
SPI2_OUTZ_L_A_OIS (2Ch) and SPI2_OUTZ_H_A_OIS (2Dh) ..................... 112
11.10 SPI2_HANDSHAKE_CTRL (6Eh)............................................... 112
11.11 SPI2_INT_OIS (6Fh) ......................................................... 113
11.12 SPI2_CTRL1_OIS (70h)....................................................... 114
11.13 SPI2_CTRL2_OIS (71h)....................................................... 115
11.14 SPI2_CTRL3_OIS (72h)....................................................... 116
12
Embedded functions register mapping .......................................... 117
13
Embedded functions register description ....................................... 119
13.1
PAGE_SEL (02h) ............................................................ 119
13.2
EMB_FUNC_EN_A (04h)...................................................... 119
13.3
EMB_FUNC_EN_B (05h)......................................................120
13.4
EMB_FUNC_EXEC_STATUS (07h) .............................................120
13.5
PAGE_ADDRESS (08h) .......................................................121
13.6
PAGE_VALUE (09h) ..........................................................121
13.7
EMB_FUNC_INT1 (0Ah) ......................................................121
13.8
FSM_INT1 (0Bh) .............................................................122
13.9
EMB_FUNC_INT2 (0Eh) ......................................................123
13.10 FSM_INT2 (0Fh) .............................................................124
13.11 EMB_FUNC_STATUS (12h) ...................................................124
13.12 FSM_STATUS (13h) ..........................................................125
13.13 PAGE_RW (17h) .............................................................125
13.14 EMB_FUNC_FIFO_EN_A (44h) ................................................126
13.15 FSM_ENABLE (46h)..........................................................126
13.16 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 127
13.17 INT_ACK_MASK (4Bh) .......................................................128
13.18 FSM_OUTS1 (4Ch) ..........................................................129
13.19 FSM_OUTS2 (4Dh) ..........................................................129
LSM6DSV
Contents
DS13476 - Rev 2
page 173/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com