Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 4Page - OSRAM GmbH AS5600 Datasheet HTML 5Page - OSRAM GmbH AS5600 Datasheet HTML 6Page - OSRAM GmbH AS5600 Datasheet HTML 7Page - OSRAM GmbH AS5600 Datasheet HTML 8Page - OSRAM GmbH AS5600 Datasheet HTML 9Page - OSRAM GmbH AS5600 Datasheet HTML 10Page - OSRAM GmbH AS5600 Datasheet HTML 11Page - OSRAM GmbH AS5600 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ams Datasheet
Page 7
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Timing Characteristics
PWM Output
Figure 9:
PWM Output Characteristics
Note(s):
1. Frequency is given as typical values, tolerance is ±5%
Figure 10:
Timing Conditions
Note(s):
1. Given as typical values, tolerance is ±5%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PWMf1
PWM frequency (1)
PWMF = 00
115
Hz
PWMf2
PWM frequency (1)
PWMF = 01
230
Hz
PWMf3
PWM frequency (1)
PWMF = 10
460
Hz
PWMf4
PWM frequency (1)
PWMF = 11
920
Hz
PWM_DC
PWM duty cycle
2.9
97.1
%
PWM_SR
PWM slew rate
Cload = 1nF
0.5
2
V/μs
I_O
Output current for
PWM output
±0.5
mA
C_L
Capacitive load for
PWM output
1nF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T_DETWD
Watchdog detection time (1)
WD = 1
1
minute
T_PU
Power-up time
10
ms
F_S
Sampling rate
150
μs
T_SETTL1
Settling time
SF = 00
2.2
ms
T_SETTL2
Settling time
SF = 01
1.1
ms
T_SETTL3
Settling time
SF = 10
0.55
ms
T_SETTL4
Settling time
SF = 11
0.286
ms
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com