Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 30Page - OSRAM GmbH AS5600 Datasheet HTML 31Page - OSRAM GmbH AS5600 Datasheet HTML 32Page - OSRAM GmbH AS5600 Datasheet HTML 33Page - OSRAM GmbH AS5600 Datasheet HTML 34Page - OSRAM GmbH AS5600 Datasheet HTML 35Page - OSRAM GmbH AS5600 Datasheet HTML 36Page - OSRAM GmbH AS5600 Datasheet HTML 37Page - OSRAM GmbH AS5600 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ams Datasheet
Page 33
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Application Information
Figure 39:
Recommended External Components
Note(s):
1. Given parameter characteristics have to be fulfilled over operation temperature and product lifetime
Magnetic Requirements
The AS5600 requires the magnetic field component Bz
perpendicular to the sensitive area on the chip.
Along the circumference of the Hall element circle the magnetic
field Bz should be sine-shaped. The magnetic field gradient of
Bz along the radius of the circle should be in the linear range
of the magnet to eliminate displacement error by the
differential measurement principle.
Figure 40:
Magnetic Field Bz and Typical Airgap
The typical airgap is between 0.5 mm and 3 mm, and it depends
on the selected magnet. A larger and stronger magnet allows a
larger airgap. Using the AGC value as a guide, the optimal airgap
can be found by adjusting the distance between the magnet
and the AS5600 so that the AGC value is in the center of its
range. The maximum allowed displacement of the rotational
axis of the reference magnet from the center of the package is
0.25 mm when using a magnet with a diameter of 6mm.
Component
Symbol
Value
Units
Notes
VDD5V buffer capacitor
C1
100
nF
20%
LDO regulator capacitor
C2
1
μF
20%; < 100 mΩ; Low ESR ceramic capacitor
Optional pull-up for I²C bus
RPU
4.7
KΩ
Refer to UM10204 for RPU sizing
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com