Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 8Page - OSRAM GmbH AS5600 Datasheet HTML 9Page - OSRAM GmbH AS5600 Datasheet HTML 10Page - OSRAM GmbH AS5600 Datasheet HTML 11Page - OSRAM GmbH AS5600 Datasheet HTML 12Page - OSRAM GmbH AS5600 Datasheet HTML 13Page - OSRAM GmbH AS5600 Datasheet HTML 14Page - OSRAM GmbH AS5600 Datasheet HTML 15Page - OSRAM GmbH AS5600 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ams Datasheet
Page 11
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Detailed Description
I²C Electrical Specification
Figure 15:
I²C Electrical Specifications
Note(s):
1. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be
considered for bus timing.
2. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
3. I/O pins of Fast-mode and Fast-mode Plus devices must not load or drive the SDA and SCL lines if VDD is switched OFF.
4. Special-purpose devices such as multiplexers and switches may exceed this capacitance because they connect multiple paths
together.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Logic low input voltage
-0.3
0.3 x
VDD
V
VIH
Logic high input voltage
0.7 x
VDD
VDD +
0.3
V
VHYS
Hysteresis of Schmitt trigger
inputs
VDD > 2.5V
0.05 x
VDD
V
VOL
Logic low output voltage
(open-drain or open-collector) at
3 mA sink current
VDD > 2.5V
0.4
V
IOL
Logic low output current
VOL = 0.4V
20
mA
tOF
Output fall time from VIHmax to
VILmax
10
120 (1)
ns
tSP
Pulse width of spikes that must
be suppressed by the input filter
50 (2)
ns
II
Input current at each I/O Pin
Input Voltage
between 0.1 x
VDD and 0.9 x
VDD
-10
+10 (3)
μA
CB
Total capacitive load for each bus
line
550
pF
CI/O
I/O capacitance (SDA, SCL) (4)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com