Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 19Page - OSRAM GmbH AS5600 Datasheet HTML 20Page - OSRAM GmbH AS5600 Datasheet HTML 21Page - OSRAM GmbH AS5600 Datasheet HTML 22Page - OSRAM GmbH AS5600 Datasheet HTML 23Page - OSRAM GmbH AS5600 Datasheet HTML 24Page - OSRAM GmbH AS5600 Datasheet HTML 25Page - OSRAM GmbH AS5600 Datasheet HTML 26Page - OSRAM GmbH AS5600 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Register Description
There are three recommended methods for programming the
angular range:
• Option A: Angle Programming Through the I²C Interface
• Option B: Angle Programming Through the OUT Pin
•Option C: Programming a Maximum Angular Range
Through the I²C Interface
Figure 24:
Option A: Angle Programming Through the I²C Interface
Note(s):
1. After each register command, the new setting is effective at the output at least 1 ms later.
2. It is highly recommended to perform a functional test after this procedure.
Use the correct hardware configuration shown in Figure 37 and Figure 38.
Step 1
Power up the AS5600.
Step 2
Turn the magnet to the start position.
Step 3
Read the RAW ANGLE register.
Write the RAW ANGLE value into the ZPOS register.
Wait at least 1 ms.
Step 4
Rotate the magnet in the direction defined by the level on the DIR pin (GND for clockwise, VDD
for counterclockwise) to the stop position. The amount of rotation must be greater than
18 degrees.
Step 5
Read the RAW ANGLE register.
Write the RAW ANGLE value into the MPOS register.
Wait at least 1 ms.
Proceed with Step 6 to permanently program the configuration.
Step 6
Perform a BURN_ANGLE command to permanently program the device.
Wait at least 1 ms.
Step 7
Verify the BURN_ANGLE command:
Write the commands 0x01, 0x11 and 0x10 sequentially into the register 0xFF to load the actual
OTP content.
Read the ZPOS and MPOS registers to verify that the BURN_ANGLE command was successful.
Step 8
Read and verify the ZPOS and MPOS registers again after a new power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com