Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 14Page - OSRAM GmbH AS5600 Datasheet HTML 15Page - OSRAM GmbH AS5600 Datasheet HTML 16Page - OSRAM GmbH AS5600 Datasheet HTML 17Page - OSRAM GmbH AS5600 Datasheet HTML 18Page - OSRAM GmbH AS5600 Datasheet HTML 19Page - OSRAM GmbH AS5600 Datasheet HTML 20Page - OSRAM GmbH AS5600 Datasheet HTML 21Page - OSRAM GmbH AS5600 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ams Datasheet
Page 17
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Detailed Description
Figure 20:
Data Read with Address Pointer Reload (Slave Transmitter Mode)
SDA and SCL Input Filters
Input filters for SDA and SCL inputs are included to suppress
noise spikes of less than 50 ns.
S
0110110
0 A
XXXXXXXX
A
0110110
1
XXXXXXXX
A
S – Start
Sr – Repeated Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Word Address (n)>
<Slave Address>
<Data(n+1)>
XXXXXXXX
A
<Data(n)>
Sr
A
XXXXXXXX NA
<Data(n+X)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com