Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 22Page - OSRAM GmbH AS5600 Datasheet HTML 23Page - OSRAM GmbH AS5600 Datasheet HTML 24Page - OSRAM GmbH AS5600 Datasheet HTML 25Page - OSRAM GmbH AS5600 Datasheet HTML 26Page - OSRAM GmbH AS5600 Datasheet HTML 27Page - OSRAM GmbH AS5600 Datasheet HTML 28Page - OSRAM GmbH AS5600 Datasheet HTML 29Page - OSRAM GmbH AS5600 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ams Datasheet
Page 25
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
Analog Output Mode
By default, the AS5600 output stage is configured as analog
ratiometric output. The Digital to Analog Converter (DAC) has
12-bit resolution. In default mode, the lower reference voltage
for the DAC is GND, while the upper reference voltage is VDD.
The output voltage on the OUT pin is ratiometric between GND
and VDD.
The maximum angular range can be programmed from
18 degrees to 360 degrees. The default range is 360 degrees.
As shown below, if the range is 360 degrees, to avoid
discontinuity points exactly at the limit of the range, a 10-LSB
hysteresis is applied. This hysteresis suppresses toggling the
OUT pin when the magnet is close to zero or 360 degrees.
Figure 27:
Output Characteristic Over a 360° Full-Turn Revolution
The AS5600 supports programming both a zero angle as well
as the maximum angular range. As shown in Figure 28, reducing
the maximum angular range pushes the non-discontinuity
points to the edges, away from the 0 and
θ
max (where θmax is
the maximum angle) by
λ, where λ= (360 - θ
max)/2.
VDD
Angle (DEG)
0 DEG
360 DEG
10LSB
10LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com