Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 17Page - OSRAM GmbH AS5600 Datasheet HTML 18Page - OSRAM GmbH AS5600 Datasheet HTML 19Page - OSRAM GmbH AS5600 Datasheet HTML 20Page - OSRAM GmbH AS5600 Datasheet HTML 21Page - OSRAM GmbH AS5600 Datasheet HTML 22Page - OSRAM GmbH AS5600 Datasheet HTML 23Page - OSRAM GmbH AS5600 Datasheet HTML 24Page - OSRAM GmbH AS5600 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Register Description
STATUS Register
The STATUS register provides bits that indicate the current state
of the AS5600.
Figure 23:
STATUS Register
AGC Register
The AS5600 uses Automatic Gain Control in a closed loop to
compensate for variations of the magnetic field strength due
to changes of temperature, airgap between IC and magnet, and
magnet degradation. The AGC register indicates the gain. For
the most robust performance, the gain value should be in the
center of its range. The airgap of the physical system can be
adjusted to achieve this value.
In 5V operation, the AGC range is 0-255 counts. The AGC range
is reduced to 0-128 counts in 3.3V mode.
MAGNITUDE Register
The MAGNITUDE register indicates the magnitude value of the
internal CORDIC.
Non-Volatile Memory (OTP)
The non-volatile memory is used to permanently program the
configuration. To program the non-volatile memory, the I²C
interface is used (Option A, Option C). Alternatively, start and
stop positions can be programmed through the output pin
(Option B). The programming can be either performed in the
5V supply mode or in the 3.3V operation mode but using a
minimum supply voltage of 3.3V and a 10 μF capacitor at the
VDD3V3 pin to ground. This 10 μF capacitor is needed only
during the programming of the device. Two different
commands are used to permanently program the device:
Name
State When Bit Is High
MH
AGC minimum gain overflow, magnet too strong
ML
AGC maximum gain overflow, magnet too weak
MD
Magnet was detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com