Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 5Page - OSRAM GmbH AS5600 Datasheet HTML 6Page - OSRAM GmbH AS5600 Datasheet HTML 7Page - OSRAM GmbH AS5600 Datasheet HTML 8Page - OSRAM GmbH AS5600 Datasheet HTML 9Page - OSRAM GmbH AS5600 Datasheet HTML 10Page - OSRAM GmbH AS5600 Datasheet HTML 11Page - OSRAM GmbH AS5600 Datasheet HTML 12Page - OSRAM GmbH AS5600 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Magnetic Characteristics
Figure 11:
Magnetic Characteristics
Figure 12:
System Specifications
Symbol
Parameter
Conditions
Min
Max
Units
Bz
Orthogonal magnetic field
strength, regular output noise
ON_SLOW and ON_FAST
Required orthogonal component
of the magnetic field strength
measured at the die's surface
along a circle of 1mm
30
90
mT
Bz_ERROR
Minimum required orthogonal
magnetic field strength,
Magnet detection level
8mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
12
bit
INL_BL
System INL
Deviation from best line fit; 360°
maximum angle, no magnet
displacement, no
zero-programming performed
(PWM, I²C)
±1
degree
ON_SLOW
RMS output
noise (1 sigma)
Orthogonal component for the
magnetic field within the specified
range (Bz), after 2.2 ms;
SF = 00
0.015
degree
ON_FAST
RMS output
noise (1 sigma)
Orthogonal component for the
magnetic field within the specified
range (Bz), after 286 μs, SF=11
0.043
degree
Magnetic Characteristics
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com