Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 23Page - OSRAM GmbH AS5600 Datasheet HTML 24Page - OSRAM GmbH AS5600 Datasheet HTML 25Page - OSRAM GmbH AS5600 Datasheet HTML 26Page - OSRAM GmbH AS5600 Datasheet HTML 27Page - OSRAM GmbH AS5600 Datasheet HTML 28Page - OSRAM GmbH AS5600 Datasheet HTML 29Page - OSRAM GmbH AS5600 Datasheet HTML 30Page - OSRAM GmbH AS5600 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Register Description
Figure 28:
Output Characteristic Over a Range Smaller Than 360°
If the maximum angular range is smaller than 360 degrees, the
DAC resolution is automatically reduced. If
θ
max is the maximum
angle, the number of steps N of the output signal OUT is:
N = (
θ
max/360) × 4096
The AS5600 also allows selecting the output dynamic
characteristics of the OUT signal with the OUTS bits in the CONF
register. By default (OUTS = 00), the output can cover the full
voltage range (0V to VDD), but a reduced range from 10% to
90% between GND and VDD may be programmed (OUTS = 01).
Figure 29:
Output Characteristics with Reduced Output Range (10%-90%)
VDD
Angle (DEG)
0 DEG
θMAX
λ
λ
360 DEG
VDD
Angle (DEG)
0 DEG
θMAX
90% VDD
10% VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com