Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 2 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 2 Page - IDEC Corporation

  LS-T8 Datasheet HTML 1Page - IDEC Corporation LS-T8 Datasheet HTML 2Page - IDEC Corporation LS-T8 Datasheet HTML 3Page - IDEC Corporation LS-T8 Datasheet HTML 4Page - IDEC Corporation LS-T8 Datasheet HTML 5Page - IDEC Corporation LS-T8 Datasheet HTML 6Page - IDEC Corporation LS-T8 Datasheet HTML 7Page - IDEC Corporation LS-T8 Datasheet HTML 8Page - IDEC Corporation LS-T8 Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
Emergency Stop Switches (Selection Guide)
Series
Emergency Stop Switch
Name
ø16mm X6 Series
Pushlock Pull /
Turn Reset
(Unibody)
ø16mm XA Series
Pushlock Pull /
Turn Reset
(Unibody)
ø16mm XA Series
Pushlock Pull /
Turn Reset (with
Removable Contact
Block)
ø22mm XW Series
Pushlock Pull /
Turn Reset
ø22mm HW Series
Pushlock Turn Reset
(Unibody)
(Plastic/Flush Bezel)
Shape
Safety
Category
4
4
4
4
4
Applicable
Standards
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
8
13
15
21
32
Series
Emergency Stop Switch
Name
ø22mm HW Series
Pushlock Turn Reset
(with Removable
Contact Block)
ø22mm HW Series
Pushlock Key Reset
ø22mm HW Series
Push-Pull
ø22mm YW Series
Pushlock Pull /
Turn Reset
Shape
Safety
Category
4
4
4
4
Applicable
Standards
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
34
35
35
40
Series
Emergency Stop Switch
Name
ø30mm XN Series
Pushlock Pull /
Turn Reset
(Plastic/Flush Bezel)
ø30mm XN Series
Pushlock Turn Reset
(Padlockable)
ø30mm HN Series
Pushlock Turn Reset
(Unibody)
Shape
Safety
Category
4
4
4
Applicable
Standards
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
48
50
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com