Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 6 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 6 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 2Page - IDEC Corporation LS-T8 Datasheet HTML 3Page - IDEC Corporation LS-T8 Datasheet HTML 4Page - IDEC Corporation LS-T8 Datasheet HTML 5Page - IDEC Corporation LS-T8 Datasheet HTML 6Page - IDEC Corporation LS-T8 Datasheet HTML 7Page - IDEC Corporation LS-T8 Datasheet HTML 8Page - IDEC Corporation LS-T8 Datasheet HTML 9Page - IDEC Corporation LS-T8 Datasheet HTML 10Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
Emergency Stop Switches Selection Diagram
Accessories
ø16mm
Mount Hole
ø22mm
Mount Hole
ø30mm
Mount Hole
Emergency
Stop
Nameplate
Pushlock
Pull or
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Key
Reset
Pushlock
Pull
Reset
ø29mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
Pushlock
Turn
Reset
ø40mm
Button
Pushlock
Turn
Reset
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø60mm
Button
ø22mm
Mount
Hole
Detachable
Contact
Block
Unibody
Unibody
Unibody
Unibody
ø30mm
Mount
Hole
Non
illuminated
Non
illuminated
Illuminated
Illuminated
Detachable
Contact
Block
Model
Applicable
Standards
Mark
Page
YW1B-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
41
HW1B-V3
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-V5
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
34
HW1B-X4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
35
HW1B-Y2
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
35
HW1E-BV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
32
YW1L-V4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
41
HW1E-LV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
32
HN1E-BV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
55
HN1E-LV4
EN60947-5-5
UL508
CSA C22.2
No.14
GB14048.5
55
HAAV
IEC 60947-5-5
IEC 60204-1
—
11
28
53
HWAV
HNAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com