Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 41 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 41 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 37Page - IDEC Corporation LS-T8 Datasheet HTML 38Page - IDEC Corporation LS-T8 Datasheet HTML 39Page - IDEC Corporation LS-T8 Datasheet HTML 40Page - IDEC Corporation LS-T8 Datasheet HTML 41Page - IDEC Corporation LS-T8 Datasheet HTML 42Page - IDEC Corporation LS-T8 Datasheet HTML 43Page - IDEC Corporation LS-T8 Datasheet HTML 44Page - IDEC Corporation LS-T8 Datasheet HTML 45Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
41
Pushlock Pull/Turn Reset
Style
Contact
Part No.
Button Color Code
ø40mm Mushroom
1NC
YW1B-V4E01R
Red only
2NC
YW1B-V4E02R
3NC
YW1B-V4E03R
1NO-1NC
YW1B-V4E11R
1NO-2NC
YW1B-V4E12R
2NO-1NC
YW1B-V4E21R
Dimensions
LED/Incandescent Illuminated Pushlock Pull/Turn Reset
Style
Lamp
Contacts
Part No.
➂
Operating
Voltage Code
Lens Color
Code
ø40mm Mushroom
Without Lamp
1NC
YW1L-V4E01Q0R
0 (without lamp)
250V AC/DC max.
Red only
2NC
YW1L-V4E02Q0R
1NO-1NC
YW1L-V4E11Q0R
LED
1NC
YW1L-V4E01Q➂R
2 (6V AC/DC)
3 (12V AC/DC)
4 (24V AC/DC)
H (110/120V AC/DC)
M3 (230/240V AC/DC)
2NC
YW1L-V4E02Q➂R
1NO-1NC
YW1L-V4E11Q➂R
Incandescent
1NC
YW1L-V4E01Q➂R
5 (6V AC/DC)
6 (12V AC/DC)
7 (24V AC/DC)
2NC
YW1L-V4E02Q➂R
1NO-1NC
YW1L-V4E11Q➂R
Note: Specify an operating voltage code in place of ➂ in the Part No.
Dimensions
30
ø40
M3.5 Terminal Screw
Contact Block
Panel Thickness 0.8 to 6
32.5
45.8
Locking Ring
Gasket
Note: When pressed, the button is locked in
the depressed position, and is reset
when either pulled or turned clockwise.
All dimensions in mm.
30
ø40
M3.5 Terminal Screw
M3.5 Terminal Screw
Full-Voltage Adapter
Contact Block
Locking Ring
Panel Thickness 0.8 to 6
45.8
32.5
Gasket
Note: When pressed, the button is locked in
the depressed position, and is reset
when either pulled or turned clockwise.
YW Series Emergency Stop Switches ø22
YW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com