Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 28 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 28 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 24Page - IDEC Corporation LS-T8 Datasheet HTML 25Page - IDEC Corporation LS-T8 Datasheet HTML 26Page - IDEC Corporation LS-T8 Datasheet HTML 27Page - IDEC Corporation LS-T8 Datasheet HTML 28Page - IDEC Corporation LS-T8 Datasheet HTML 29Page - IDEC Corporation LS-T8 Datasheet HTML 30Page - IDEC Corporation LS-T8 Datasheet HTML 31Page - IDEC Corporation LS-T8 Datasheet HTML 32Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
28
Nameplate (for ø22 Emergency Stop Switches)
Description
Legend
Part No.
Ordering No.
Package
Quantity
Material
Plate
Color
Legend
Color
For ø40mm Operator
(blank)
HWAV-0-Y
HWAV-0-Y
1
Polyamide
Yellow
Black
EMERGENCY STOP HWAV-27-Y
HWAV-27-Y
For ø60mm Operator
(blank)
HWAV5-0
HWAV5-0
PBT
EMERGENCY STOP HWAV5-27
HWAV5-27
EMERGENCY STOP HWAV5F-27
HWAV5F-27PN10
10
PET film sticker
• EMERGENCY OFF and white nameplates (blank) also available. See page 61 and 64 for details.
Maintenance Parts
Description & Shape
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Locking Ring
Polyamide
HW9Z-LN
HW9Z-LNPN05
5
• Black
Washer
Nitryl rubber
HW9Z-WM
HW9Z-WMPN10
10
• Black
For ø40mm Operator
For ø60mm Operator
ø60
ø22
0.9
1.5
ME
RGENC
STOP
2.3
0.6
ø80
ø80
• Panel thickness when using the
nameplate: 0.8 to 4.5 mm
Sticker Nameplate
for ø60mm Operator
• Panel thickness when using
the nameplate: 0.8 to 4 mm
ø22 XW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com