Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 4 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 4 Page - IDEC Corporation

  LS-T8 Datasheet HTML 1Page - IDEC Corporation LS-T8 Datasheet HTML 2Page - IDEC Corporation LS-T8 Datasheet HTML 3Page - IDEC Corporation LS-T8 Datasheet HTML 4Page - IDEC Corporation LS-T8 Datasheet HTML 5Page - IDEC Corporation LS-T8 Datasheet HTML 6Page - IDEC Corporation LS-T8 Datasheet HTML 7Page - IDEC Corporation LS-T8 Datasheet HTML 8Page - IDEC Corporation LS-T8 Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
Emergency Stop Switches Selection Diagram
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Detachable
Contact Block
Detachable
Contact Block
Detachable
Contact Block
Detachable
Contact Block
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø29mm
Button
ø40mm
Button
Unibody
ø40mm
Button
ø29mm
Button
ø29mm
Button
Reverse Energy Structure
Safe Break Action
Reverse Energy Structure
Safe Break Action
ø22mm
Mount
Hole
ø16mm
Mount
Hole
Non
illuminated
Non
illuminated
Illuminated
Illuminated
ø60mm
Button
ISO 13850
4.4.1
mushroom-type
push-buttons
ISO 13850
4.4.4
The command
shall be
maintained
by engagement
(latching-in)
of the actuating
means.
ISO 13850
4.4.4
The actuator of
the emergency
stop device
shall be colored
red.
IEC 60947-5-5
5. Electrical
requirements
5.2 All normally
closed contact
elements of an
emergency stop
device shall
have a direct
opening action
(positive
opening action,
according to
annex K of IEC
60947-5-1.
ISO 13850
4.4.6
As far as a
background
exists behind
the actuator
and as far as
is practicable, it
shall be colored
yellow.
Emergency
Stop Switch
Continued on Next Page
(no safe break
action)
Model
Applicable
Standards
Mark
Page
XA1E-BV3
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XA1E-BV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
AB6E-3BV
(Solder Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
9
XA1E-BV3U
(Solder, Solder/
Tab #110
Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
14
AB6E-4BV
(Solder Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
9
XA1E-BV4U
(Solder, Solder/
Tab #110
Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
14
XA1E-LV3
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XA1E-LV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XW1E-BV4
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-BV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-BV4
(Connector)
EN60947-5-5
UL508
22
XW1E-BV5
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-LV4
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
23
XW1E-LV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
23
ISO / IEC Standards and Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com