Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 30 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 30 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 26Page - IDEC Corporation LS-T8 Datasheet HTML 27Page - IDEC Corporation LS-T8 Datasheet HTML 28Page - IDEC Corporation LS-T8 Datasheet HTML 29Page - IDEC Corporation LS-T8 Datasheet HTML 30Page - IDEC Corporation LS-T8 Datasheet HTML 31Page - IDEC Corporation LS-T8 Datasheet HTML 32Page - IDEC Corporation LS-T8 Datasheet HTML 33Page - IDEC Corporation LS-T8 Datasheet HTML 34Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
30
Instructions
About PC Board and Circuit Design
1. Use PC boards made of glass epoxy copper-clad lami-
nated sheets of 1.6 mm in thickness, with double-sided
through hole.
2. PC boards and circuits must withstand rated voltage and
current, including the instantaneous current and voltage
at switching.
3. The minimum applicable load is 5V AC/DC, 1 mA. This
value may vary according to the operating environment
and load.
4. Within the 2.8
∗ mm areas shown in the figure below,
terminals touch the PC board, resulting in possible short
circuit on the printed circuit. When designing a PC board
pattern, take this possibility into consideration.
19.8
8.7
(0.5)
(0.5)
(0.5)
5.7
1.6 (PC Board)
(0.5)
2.8∗
2.8∗
10-ø1.2
holes
Solder
Surface
Solder Surface
Surface for installing
components
Surface for installing
components
Screw Terminal
Applicable Crimping Terminals
Solid Wire
Wire
Insulating Tube
Crimping Terminal
4.7 to 5.9
4.7 to 5.9
3.0 max.
ø3.2 min.
Wire
Insulating Tube
Crimping
Terminal
4.7 to 5.9
4.7 min.
6.2 max.
Ring Terminal
Spade Terminal
1. Wire thickness: 0.75 to 1.25 mm2 (AWG18 to 16)
• Be sure to install an insulating tube on the crimping terminal.
2. Tighten the M3 terminal screw to a tightening torque of
0.6 to 1.0 N·m.
Connector
1. Connector shape
• Tyco Electronics, D-2000 series
Part No. 1376009-1 (tab header, board mount)
2. Applicable connectors (to be supplied by user)
• Tyco Electronics, D-2000 series
Part No. 1-1318119-4 (receptacle housing)
• Tyco Electronics, D-2000 series
Part No. 1318107-1 (receptacle contact)
3. To prepare correct receptacles for the connector, read
the instruction sheet and catalog of Tyco Electronics and
understand the installation and wiring method.
4. Fasten the cable so that the connector is not pulled.
Otherwise the switch may be deformed and damaged,
causing malfunction or operation failure.
Installing & Removing Terminal Covers
XA9Z-VL2
To install the terminal cover, align the TOP marking on the
terminal cover with TOP marking on the contact block, and
press the terminal cover toward the contact block.
Note: For wiring, insert the wires into the holes in the terminal cover before
soldering.
XW9Z-VL2M
To install the terminal cover, align the TOP marking on the
terminal cover with the TOP marking on the contact block.
Place the two projections on the bottom side of the contact
block into the slots in the terminal cover. Press the terminal
cover toward the contact block.
TOP Marking
➀ Place the projections
on the contact bock.
➁ Press the
terminal cover
To remove the terminal cover, pull out the two latches on
the top side of the terminal cover. Do not exert excessive
force to the latches, otherwise the latches may break.
TOP Markings
Pull out the latches.
IP20 Protection Terminal Cover
XW9Z-VL2MF
To install the IP20 protection cover, align the TOP marking
on the cover with the TOP marking on the contact block,
and press the cover toward the contact block.
TOP Marking
TOP Marking
(Press)
Notes:
1. Once installed, the XW9Z-VL2MF cannot be removed.
2. The XW9Z-VL2MF cannot be installed after wiring.
3. With the XW9Z-VL2MF installed, crimping terminals cannot be
used. Use solid wires.
4. Make sure that the XW9Z-VL2MF is securely installed. IP20 cannot
be achieved when installed loosely, and electric shocks may occur.
ø22 XW Series Emergency Stop Switches
Only solid wires
can be used
for IP20 units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com