Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 39 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 39 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 35Page - IDEC Corporation LS-T8 Datasheet HTML 36Page - IDEC Corporation LS-T8 Datasheet HTML 37Page - IDEC Corporation LS-T8 Datasheet HTML 38Page - IDEC Corporation LS-T8 Datasheet HTML 39Page - IDEC Corporation LS-T8 Datasheet HTML 40Page - IDEC Corporation LS-T8 Datasheet HTML 41Page - IDEC Corporation LS-T8 Datasheet HTML 42Page - IDEC Corporation LS-T8 Datasheet HTML 43Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
Safety Precautions
• Turn off the power to the HW series control units before
starting installation, removal, wiring, maintenance, and
inspection of the products. Failure to turn power off may
cause electrical shocks or fire hazard.
• To avoid a burn on your hand, use the lamp holder tool
when replacing lamps.
• For wiring, use wires of a proper size to meet the volt-
age and current requirements. Tighten the M3.5 terminal
screws to a tightening torque of 1.0 to 1.3 N·m. Failure to
tighten terminal screws may cause overheat and fire.
Instructions
Panel Mounting
Remove the contact block from the operator (for transformer
pilot lights, remove the transformer from the illumination
unit). Remove the locking ring from the operator. Insert the
operator into the panel cut-out from the front, tighten the
locking ring from the back, then install the contact block to
the operator.
Removing and Installing the Contact Block
1. To remove the operator from the contact block, turn the
locking lever in the direction of the arrow shown below.
Then the operator can be pulled out.
2. To reinstall, place the TOP markings on the operator and
the contact block mounting adapter in the same direction,
and insert the operator into the contact block mounting
adapter. Then turn the locking lever in the opposite direc-
tion.
Notes for Panel Mounting
When mounting the operator onto a panel, use the optional
locking ring wrench (MW9Z-T1) to tighten the locking ring.
Tightening torque must not exceed 2.0 N·m. Do not use
pliers. Excessive tightening will damage the locking ring.
Safety Lever Lock
IDEC strongly recommends using the safety lever lock
(HW9Z-LS, yellow) to prevent heavy vibration or mainte-
nance personnel from unlocking contacts.
1. HW series can be mounted vertically with a minimum
spacing of 50 mm (70 mm for mono-lever switches) but
spacing should be determined to ensure easy operation.
2. Mount the control unit onto the panel, lock the lever, and
strongly push in the safety lever lock to install.
3. When the spacing is narrower than the recommended
value, with the lever unlocked, mount the safety lever lock
and insert the contact unit to the operator. Then, lock the
lever and strongly push in the safety lever lock to install.
4. To remove the safety lever lock, insert a flat screwdriver
into the safety lever lock and push upwards.
HW Series Emergency Stop Switches ø22
Remove
Screwdriver
Safety Lever Lock
Operator
Panel
Contact Block
Mounting Adapter
Lock Lever
LOCK
Safety Lever Lock
HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com