Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 31 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 31 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 27Page - IDEC Corporation LS-T8 Datasheet HTML 28Page - IDEC Corporation LS-T8 Datasheet HTML 29Page - IDEC Corporation LS-T8 Datasheet HTML 30Page - IDEC Corporation LS-T8 Datasheet HTML 31Page - IDEC Corporation LS-T8 Datasheet HTML 32Page - IDEC Corporation LS-T8 Datasheet HTML 33Page - IDEC Corporation LS-T8 Datasheet HTML 34Page - IDEC Corporation LS-T8 Datasheet HTML 35Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
31
Instructions
Contact Bounce
When the button is reset by pulling or turning, the NC main
contacts will bounce. When pressing the button, the NO
monitor contacts will bounce.
When designing a control circuit, take the contact bounce
time into consideration (reference value: 20 ms).
LED Illuminated Switches
An LED lamp is built into the contact block and cannot be
replaced.
Installing the Anti-rotation Ring
HW9Z-RL
Align the side without thread on the operator with TOP
marking, the small ▲ marking on the anti-rotation ring, and
the recess on the mounting panel.
TOP Marking
▲
marking on the anti-rotation ring
Without thread
Anti-rotation Ring (HW9Z-RL)
Installing the Nameplate
Align the side without thread on the operator with TOP
marking, the projection on the nameplate, and the recess
on the mounting panel.
Nameplate or Switch Guard
When anti-rotation is not required, remove the projection
from the nameplate or switch guard using pliers.
Switch Guard
Projections
Nameplate
Handling
Do not expose the switch to excessive shocks and vibra-
tions, otherwise the switch may be deformed or damaged,
causing malfunction or operation failure.
XW Series Emergency Stop Switches ø22
XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com