Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 45 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 45 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 41Page - IDEC Corporation LS-T8 Datasheet HTML 42Page - IDEC Corporation LS-T8 Datasheet HTML 43Page - IDEC Corporation LS-T8 Datasheet HTML 44Page - IDEC Corporation LS-T8 Datasheet HTML 45Page - IDEC Corporation LS-T8 Datasheet HTML 46Page - IDEC Corporation LS-T8 Datasheet HTML 47Page - IDEC Corporation LS-T8 Datasheet HTML 48Page - IDEC Corporation LS-T8 Datasheet HTML 49Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
45
Instructions
Panel Mounting
• Remove the contact block from the operator. Remove the locking
ring from the operator. Insert the operator into the panel cut-out
from the front, tighten the locking ring from the back, then install
the contact block to the operator.
j
j
Pull up the locking lever.
k
Turn the lever to the left.
l
Pull out the contact block.
k
l
Removing and Installing the Contact Block
1. To remove the operator from the contact block, pull up the locking
lever and turn it to the left. Then the operator can be pulled out.
2. To reinstall, place the TOP marking on the operator and the idec
marking on the contact block mounting adapter in the same
direction, and insert the operator into the contact block mounting
adapter. Then turn the locking lever to the right.
Notes for Panel Mounting
Use the optional locking ring wrench (MW9Z-T1) to mount the op-
erator onto a panel. Tightening torque must not exceed 2.0 N·m. Do
not use pliers. Excessive tightening will damage the locking ring.
Removing Contact Blocks and Full
Voltage Adapter
Insert a flat screwdriver between the latch and contact block mount-
ing adapter, and disengage the latch.
Make sure to remove the lamp and contact blocks before removing
the full voltage adapter.
Lamp
j
ÇÇ
É
Full Voltage Adapter
Contact Block
YW Series Emergency Stop Switches ø22
YW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com