Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T8 Datasheet(PDF) 32 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 32 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 28Page - IDEC Corporation LS-T8 Datasheet HTML 29Page - IDEC Corporation LS-T8 Datasheet HTML 30Page - IDEC Corporation LS-T8 Datasheet HTML 31Page - IDEC Corporation LS-T8 Datasheet HTML 32Page - IDEC Corporation LS-T8 Datasheet HTML 33Page - IDEC Corporation LS-T8 Datasheet HTML 34Page - IDEC Corporation LS-T8 Datasheet HTML 35Page - IDEC Corporation LS-T8 Datasheet HTML 36Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
32
Specifications
Operating
Temperature
–25 to +60°C (no freezing)
Illuminated units: –25 to +55°C
Storage Temperature
–40 to +80°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
50N
Minimum Force
Required for Direct
Opening Action
5.5 mm
Maximum Operator Stroke 10 mm
Contact Resistance
50 mΩ maximum (initial value)
Insulation Resistance 100 MΩ minimum (500V DC megger)
Dielectric Strength
Between live and dead metal parts:
Contacts:
2,500V AC, 1 minute
Illuminated parts: 1,000V AC, 1 minute
Vibration Resistance
Damage limits:
30 Hz,
amplitude 1.5 mm
Operating extremes: 5 to 55 Hz,
amplitude 0.5 mm
Shock Resistance
Damage limits:
1,000 m/s2
Operating extremes: 100 m/s2
Operating Frequency
900 operations/h
Life
Mechanical: 250,000 operations minimum
Electrical:
100,000 operations minimum
(at 900 operations/h, duty ratio 40%)
Degree of Protection
IP65
Terminal Style
M3.5 screw
Weight
49g (HW1E-BV402R)
56g (HW1E-LV402Q4R)
Contact Ratings
Rated Insulation Voltage (Ui)
250V
Rated Thermal Current (Ith)
10A
Rated Operational Voltage (Ue)
24V
110V
220V
Rated
Operational
Current
AC
50/60
Hz
Resistive Load (AC-12)
6A
3A
3A
Inductive Load (AC-15)
6A
3A
3A
DC
Resistive Load (DC-12)
6A
2A
1A
Inductive Load (DC-13)
1.5A
0.3A 0.15A
• Minimum applicable load (reference value): 3V AC/DC, 5 mA
(Applicable range may vary with operating conditions and load
types.)
• The operational current represents the classification by making
and breaking currents (IEC 60947-5-1).
LED Lamp Ratings
Rated Operating
Voltage of Unit
LED Lamp
Part No.
Rated Voltage
Rated Current
6V AC/DC
LSTD-6R 6V AC/DC ±10%
7 mA
12V AC/DC
LSTD-1R 12V AC/DC ±10%
10 mA
24V AC/DC
LSTD-2R 24V AC/DC ±10%
10 mA
LED Internal Circuit
Internal Circuit
LED Chip
Resistor
Zener Diode
Protection Diode
X1
X2
HW Series Emergency Stop Switches
ø22
Pushlock Turn Reset Switches (Unibody)
Shape
Contact
Part No.
Button Color
ø40mm Mushroom Pushlock Turn Reset
HW1E-BV4
1NO-1NC
HW1E-BV411R
Red only
2NC
HW1E-BV402R
• When pressed, the button is held depressed. The button is released by turning clockwise.
Illuminated Pushlock Turn Reset Switches (Unibody)
Shape
Contact
Part No.
Button Color
ø40mm Mushroom Pushlock Turn Reset
HW1E-LV4
1NO-1NC
HW1E-LV411Q0R
Red only
2NC
HW1E-LV402Q0R
• When pressed, the button is held depressed. The button is released by turning clockwise.
• The illuminated pushlock turn reset switch does not contain a lamp. Order LED lamps separately. For lamps, see page 38.
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No. 14
UL/c-UL Listing File No.
E55996
EN60947-5-5
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No.2004010305132908
Emergency Stop Switches (Unibody) Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com