Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  975200048 Datasheet HTML 1Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 2Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SO-2 PennEngineering • www.pemnet.com
SELF-CLINCHING STANDOFFS
BSO
BSOA
BSOS
BSO4
(2)
DSO
DSOS
SO
SOA
SOS
SO4
(2)
SOAG
SOSG
TSO
• (3)
TSOA
• (3)
TSOS
• (3)
TSO4
(2)
• (3)
SO/SOS/SOA/SO4
TSO/TSOS/TSOA/TSO4 (Styles 1 & 2)
SOSG/SOAG
PEM® self-clinching standoffs, which use the proven self-clinching design, provide
ideal solutions for applications where mounting, spacing or stacking of panels,
boards or components are required. Pressed into round holes, these fasteners
mount permanently into metal sheets as thin as .025” / 0.63 mm.
Specially designed SO4™, BSO4™ and TSO4™ standoffs are made from hardened
stainless steel and are ideal for clinching into stainless steel sheets. An optional
nickel plating is now available if product is expected to be used in a corrosive
environment.
For more information on the proper use of PEM® self-clinching standoffs, check our
website for Tech Sheet PEM® - REF/Standoff Basics.
BLIND
THREADS
THROUGH-HOLE
THREADS
Support This
sheet
SO™/SOS™/SOA™/SO4™
through hole
threaded self-clinching standoffs -
PAGE 3
BSO™/BSOS™/BSOA™/BSO4™
Blind hole,
threaded self-clinching standoffs -
PAGE 4
SO™/SOS™/SOA™/SO4™
Through hole,
unthreaded self-clinching standoffs -
PAGE 5
TSO™/TSOS™/TSOA™/TSO4™
Through hole
threaded standoffs
for clinching into
thinner sheets than SO™ standoffs -
PAGE 6
DSOS™/DSO™
Through hole, threaded
standoffs with round, knurled head
allowing closer-to-edge clinch
installation - PAGE 7
SOSG™/SOAG™
Through hole, threaded
grounding standoffs with
“grounding/
earthing teeth” on end of barrel -
PAGE 7
Material and finish specifications - PAGE 8
Installation - PAGES 8 & 9
Performance data - PAGES 10 & 11
HEAD SIDE OF SHEET AFTER INSTALLATION
A pplic ation Re quire s :
PEM®
Standoff
Type
(1) See note 5 on page 8 about installing fasteners into stainless steel sheets.
(2) When used with optional nickel plating.
(3) Style #3 only.
BSO/BSOS/BSOA/BSO4
TSO/TSOS/TSOA/TSO4 (Style 3)
DSOS/DSO
Installation
Superior
Closed-end
Grounding/
Closest-to-edge
Thinnest
Most varied
into stainless
corrosion
Threads at
for flush
earthing teeth
distance
Available
minimum
standard length Non-magnetic
steel (1)
resistance
barrel end
appearance
on barrel end
mounting
Unthreaded
sheet
increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com