Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 2Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SO-6 PennEngineering • www.pemnet.com
SELF-CLINCHING STANDOFFS
Thread
Length “L”
Length “L”
Length “L”
Code
(Style #1)
(Style #2)
(Style #3)
256 / 6256
.090 - .250
.251 - .375
.376 - .750
440 / 6440
.090 - .280
.281 - .450
.451 - .750
632
.120 - .350
.351 - .540
.541 - .750
Thread
Length “L”
Length “L”
Length “L”
Code
(Style #1)
(Style #2)
(Style #3)
M25 / 6M25
2.00 - 6.30
6.32 - 9.50
9.52 - 19.00
M3 / 6M3
2.00 - 7.50
7.52 - 11.00
11.02 - 19.00
M35
3.00 - 8.80
8.82 - 12.80
12.82 - 19.00
THREAD SIZE AND LENGTH SELECTION DATA
All dimensions are in inches.
All dimensions are in millimeters.
LENGTH/STYLE DATA
All dimensions are in inches.
(Length can be specified in .001” increments.)
All dimensions are in millimeters.
(Length can be specified in 0.02 mm increments.)
TSO™/TSOS™/TSOA™/TSO4™ THREADED STANDOFFS FOR SHEETS AS THIN AS .025”/0.63mm
C
F
H
L
Style #3
TSO/TSOS/TSOA
(1) Style #1. Thru-threaded.
(2) Style #2. Screw might not pass through unthreaded end. Tapped to minimum full thread depth shown. Incomplete threads on tap may allow screw
to pass through.
(3) Style #3. Blind.
(4) Standoffs with thread codes 6256, 6440, 6M25 and 6M3 have a thicker wall to provide more bearing
surface for the mating component or panel reducing the chance of cracking or cutting into the board.
Please contact your local PEM® distributor for availability, minimum quantity, and pricing information.
Min.
Hole Size
C
F Min.
Min. Dist.
Thread
Sheet
In Sheet
+.000
Thread
H
Hole C/
Code
Thickness
+.003 -.000
-.005
Depth
Nom.
To Edge
256
.025
.166
.165
.200
.187
.23
6256
.025
.213
.212
.250
.27
440
.025
.166
.165
.220
.187
.23
6440
.025
.213
.212
.250
.27
632
.025
.213
.212
.270
.250
.27
Min.
Hole Size
F Min.
Min. Dist.
Thread
Sheet
In Sheet
C
Thread
H
Hole C/
Code
Thickness
+0.08
-0.13
Depth
Nom.
To Edge
M25
0.63
4.22
4.2
5.2
4.8
5.8
6M25
0.63
5.41
5.39
6.4
7.1
M3
0.63
4.22
4.2
6.2
4.8
5.8
6M3
0.63
5.41
5.39
6.4
7.1
M35
0.63
5.41
5.39
7
6.4
7.1
All dimensions are in millimeters.
GENERAL DIMENSIONAL DATA
All dimensions are in inches.
Type
Hardened
Thread
Stainless
Stainless
Thread
.090
.125
.187
.250
.312
.375
.437
.500
.562
.625
.687
.750
Size
Steel
Steel
Aluminum
Steel
Code
Length Code (Length “L” without decimal point)
.086-56
TSO
TSOS
TSOA
TSO4
256
090(1)
125(1)
187(1)
250(1)
312(2)
375(2)
437(3)
500(3)
562(3)
625(3)
687(3)
750(3)
(#2-56)
6256(4)
.112-40
TSO
TSOS
TSOA
TSO4
440
090(1)
125(1)
187(1)
250(1)
312(2)
375(2)
437(2)
500(3)
562(3)
625(3)
687(3)
750(3)
(#4-40)
6440(4)
.138-32
TSO
TSOS
TSOA
TSO4
632
–
125(1)
187(1)
250(1)
312(1)
375(2)
437(2)
500(2)
562(3)
625(3)
687(3)
750(3)
(#6-32)
Thread
Type
Size x
Hardened
Thread
Pitch
Stainless
Stainless
Code
2.00
3.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
19.00
Steel
Steel
Aluminum
Steel
Length Code (Length “L” without decimal point)
M2.5 x 0.45
TSO
TSOS
TSOA
TSO4
M25
200(1)
300(1)
400(1)
600(1)
800(2)
1000(3)
1200(3)
1400(3)
1600(3)
1800(3)
1900(3)
6M25(4)
M3 x 0.5
TSO
TSOS
TSOA
TSO4
M3
200(1)
300(1)
400(1)
600(1)
800(2)
1000(2)
1200(3)
1400(3)
1600(3)
1800(3)
1900(3)
6M3(4)
M3.5 x 0.6
TSO
TSOS
TSOA
TSO4
M35
–
300(1)
400(1)
600(1)
800(1)
1000(2)
1200(2)
1400(3)
1600(3)
1800(3)
1900(3)
Length “L”
±.003
For other lengths / thread depth data see chart at bottom of page.
Length “L”
±0.08
For other lengths / thread depth data see chart at bottom of page.
TSO4
Installs into stainless steel
* NC suffix is required if optional
nickel plating (for corrosion
resistance) is desired. Otherwise,
no suffix is necessary.
TSO
– 440 – 250
ZI
TSO
S – 440 – 250
TSO
A – 440 – 250
TSO
4 – 440 – 250 NC*
PART NUMBER DESIGNATION
Material
Code
Thread
Code
Length
Code
Type
Finish
Style #1
C
L
Clinching profile may vary.
Style #2
C
F
L
PEM® “Single” or PEM® “Two Groove”
Registered Trademark
• TSO standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 60 / HB (Hardness Brinell) 150 or less.
• TSOS standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 70 / HB (Hardness Brinell) 125 or less.
• TSOA standoffs are recommended for use in aluminum sheets HRB (Rockwell “B” scale) 50 / HB (Hardness Brinell) 82 or less.
• TSO4 standoffs are recommended for use in stainless steel sheets HRB (Rockwell “B” scale) 88 / HB (Hardness Brinell) 183 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com