Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  975200048 Datasheet HTML 1Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 2Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PennEngineering • www.pemnet.com
SO-3
SELF-CLINCHING STANDOFFS
Min.
Hole Size
B
Thread
Sheet
In Sheet
Counter-
C
H
Min. Dist.
D
Code
Thickness
+.003
Bore Dia.
+.000
Nom.
Hole C/
±.010
-.000
±.005
-.005
To Edge
440
.040
.166
.125
.165
.187
.23
6440
.040
.213
.125
.212
.250
.27
632
.040
.213
.156
.212
.250
.27
8632
.050
.281
.156
.280
.312
.31
832
.050
.281
.188
.280
.312
.31
032
.050
.281
.203
.280
.312
.31
Type
Thread
Fastener Material
Thread
Size
Stainless
Hardened
Code
Steel
Steel
Aluminum Stainless Steel
.125
.187
.250 .312
.375
.437
.500
.562
.625
.687
.750
.812
.875
.937
1.00
1.062
.112-40
SO
SOS
SOA
SO4
440
4
6
8
10
12
14
16
18
20
22
24
–
–
–
–
–
(#4-40)
6440(1)
.138-32
SO
SOS
SOA
SO4
632
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
(#6-32)
8632(1)
.164-32
SO
SOS
SOA
SO4
832
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
(#8-32)
.190-32
SO
SOS
SOA
SO4
032
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
(#10-32)
D Dimension ±.010
None
.187
.312
.437
Min.
B
Thread
Sheet
Hole Size
Counter-
C
H
Min. Dist.
D
Code
Thickness
In Sheet
Bore Dia.
-0.13
Nom.
Hole C/
±0.25
+0.08
±0.13
To Edge
M3
1
4.22
3.2
4.2
4.8
6
3.5M3
1
5.41
3.2
5.39
6.4
6.8
M3.5
1
5.41
3.9
5.39
6.4
6.8
M4
1.27
7.14
4.8
7.12
7.9
8
M5
1.27
7.14
5.35
7.12
7.9
8
(1) Standoffs with thread codes 6440, 8632, and 3.5M3 have a thicker wall to provide more bearing surface for the mating component or panel
reducing the chance of cracking or cutting into the board.
Please contact your local PEM® distributor for availability, minimum quantity, and pricing information.
All dimensions are in millimeters.
GENERAL DIMENSIONAL DATA
All dimensions are in inches.
Type
Thread
Fastener Material
Thread
Size x
Stainless
Hardened
Code
Pitch
Steel
Steel
Aluminum Stainless Steel
M3 x 0.5
SO
SOS
SOA
SO4
M3
3
4
6
8
10
12
14
16
18
–
–
–
3.5M3(1)
M3.5 x 0.6
SO
SOS
SOA
SO4
M3.5
3
4
6
8
10
12
14
16
18
20
22
25
M4 x 0.7
SO
SOS
SOA
SO4
M4
3
4
6
8
10
12
14
16
18
20
22
25
M5 x 0.8
SO
SOS
SOA
SO4
M5
3
4
6
8
10
12
14
16
18
20
22
25
D Dimension ±0.25
None
4
8
11
THREAD SIZE AND LENGTH SELECTION DATA
All dimensions are in inches.
All dimensions are in millimeters.
Length “L” +.002 –.005 (Length Code in 32nds of an inch)
Length “L” +0.05 –0.13
(Length Code in millimeters)
SO™/SOS™/SOA™/SO4™ - THROUGH-HOLE THREADED STANDOFFS
Varies
according
to length.
See length
charts
below.
Varies
according
to length.
See length
charts
below.
SO
– 440 – 8
ZI
SO
S – 440 – 8
SO
A – 440 – 8
SO
4 – 440 – 8
NC*
PART NUMBER DESIGNATION
Material
Code
Thread
Code
Length
Code
Type
Finish
SO/SOS/SOA
SO4
Installs into stainless steel
Clinching profile may vary.
H
L
D
B
C
PEM® “Single” or PEM® “Two Groove” Registered Trademark
* NC suffix is required if optional nickel plating (for corrosion resistance) is desired.
Otherwise, no suffix is necessary.
Micro sizes also available.
See PEM® Bulletin MPF for more information.
• SO standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 80 / HB (Hardness Brinell) 150 or less.
• SOS standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 70 / HB (Hardness Brinell) 125 or less.
• SOA standoffs are recommended for use in aluminum sheets HRB (Rockwell “B” scale) 50 / HB (Hardness Brinell) 82 or less.
• SO4 standoffs are recommended for use in stainless steel sheets HRB (Rockwell “B” scale) 88 / HB (Hardness Brinell) 183 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com