Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  975200048 Datasheet HTML 1Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 2Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PennEngineering • www.pemnet.com
SO-5
SELF-CLINCHING STANDOFFS
Min.
Hole Size
Thru-hole
Sheet
In Sheet
C
H
Min. Dist.
Code
Thickness
+.003
+.000
Nom.
Hole C/
-.000
-.005
To Edge
4116
.040
.166
.165
.187
.23
6116
.040
.213
.212
.250
.27
6143
.040
.213
.212
.250
.27
8143
.050
.281
.280
.312
.31
8169
.050
.281
.280
.312
.31
8194
.050
.281
.280
.312
.31
Min.
Hole Size
Min. Dist.
Thru-hole
Sheet
In Sheet
C
H
Hole C/
Code
Thickness
+0.08
-0.13
Nom.
To Edge
43.1
1
4.22
4.2
4.8
6
63.1
1
5.41
5.39
6.4
6.8
63.6
1
5.41
5.39
6.4
6.8
83.6
1.27
7.14
7.12
7.9
8
84.1
1.27
7.14
7.12
7.9
8
85.1
1.27
7.14
7.12
7.9
8
B
Type
Thru-hole
Diameter
Stainless
Hardened
Thru-hole
+0.1 -0.08
Steel
Steel
Aluminum
Stainless Steel
Code
3.1
SO4
43.1
3
4
6
8
10
12
14
16
18
20
S0
SOS
SOA
63.1(1)
3.6
SO
SOS
SOA
SO4
63.6
3
4
6
8
10
12
14
16
18
20
83.6(1)
4.1
SO
SOS
SOA
SO4
84.1
3
4
6
8
10
12
14
16
18
20
5.1
SO
SOS
SOA
SO4
85.1
3
4
6
8
10
12
14
16
18
20
B
Type
Thru-hole
Diameter
Stainless
Hardened
Thru-hole
+.004 -.003
Steel
Steel
Aluminum
Stainless Steel
Code
.125
.187
.250
.312
.375
.437
.500
.562
.625
.687
.750
.116
SO
SOS
SOA
SO4
4116
4
6
8
10
12
14
16
18
20
22
24
6116(1)
.143
SO
SOS
SOA
SO4
6143
4
6
8
10
12
14
16
18
20
22
24
8143(1)
.169
SO
SOS
SOA
SO4
8169
4
6
8
10
12
14
16
18
20
22
24
.194
SO
SOS
SOA
SO4
8194
4
6
8
10
12
14
16
18
20
22
24
All dimensions are in millimeters.
GENERAL DIMENSIONAL DATA
All dimensions are in inches.
THROUGH-HOLE AND LENGTH SELECTION DATA
All dimensions are in inches.
All dimensions are in millimeters.
SO™/SOS™/SOA™/SO4™ - THROUGH-HOLE UNTHREADED STANDOFFS (SPECIAL ORDER)
Length “L” +.002 –.005 (Length Code in 32nds of an inch)
Length “L” +0.05 –0.13
(Length Code in millimeters)
SO
– 4116 – 8
ZI
SO
S – 4116 – 8
SO
A – 4116 – 8
SO
4 – 4116 – 8
NC*
PART NUMBER DESIGNATION
Material
Code
Thru-hole
Code
Length
Code
Type
Finish
SO/SOS/SOA
SO4
Installs into stainless steel
(1) Standoffs with thru-hole codes 6116, 8143, 63.1 and 83.6 have a thicker wall to provide more bearing surface for the mating component or panel
reducing the chance of cracking or cutting into the board.
Please contact your local PEM® distributor for availability, minimum quantity, and pricing information.
* NC suffix is required if optional nickel plating (for corrosion resistance)
is desired. Otherwise, no suffix is necessary.
H
L
C B
Clinching profile may vary.
PEM® “Single” or PEM® “Two Groove” Registered Trademark
Micro sizes also available.
See PEM® Bulletin MPF for more information.
• SO standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 80 / HB (Hardness Brinell) 150 or less.
• SOS standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 70 / HB (Hardness Brinell) 125 or less.
• SOA standoffs are recommended for use in aluminum sheets HRB (Rockwell “B” scale) 50 / HB (Hardness Brinell) 82 or less.
• SO4 standoffs are recommended for use in stainless steel sheets HRB (Rockwell “B” scale) 88 / HB (Hardness Brinell) 183 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com