Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  975200048 Datasheet HTML 1Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 2Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SO-4 PennEngineering • www.pemnet.com
SELF-CLINCHING STANDOFFS
Min.
Hole Size
Thread
Sheet
In Sheet
C
H
Min. Dist.
F
Code
Thickness
+.003
+.000
Nom.
Hole C/
Min.
-.000
-.005
To Edge
440
.040
.166
.165
.187
.23
6440
.040
.213
.212
.250
.27
632
.040
.213
.212
.250
.27
8632
.050
.281
.280
.312
.31
832
.050
.281
.280
.312
.31
032
.050
.281
.280
.312
.31
Type
Thread
Thread
Size x
Stainless
Hardened
Code
Pitch
Steel
Steel
Aluminum
Stainless Steel
M3 x 0.5
BSO
BSOS
BSOA
BSO4
M3
6
8
10
12
14
16
18
20
22
25
3.5M3(1)
M3.5 x 0.6
BSO
BSOS
BSOA
BSO4
M3.5
6
8
10
12
14
16
18
20
22
25
M4 x 0.7
BSO
BSOS
BSOA
BSO4
M4
6
8
10
12
14
16
18
20
22
25
M5 x 0.8
BSO
BSOS
BSOA
BSO4
M5
6
8
10
12
14
16
18
20
22
25
F Dimension Min.
3.2
4
5
6.5
9.5
Min.
Hole Size
Min. Dist.
Thread
Sheet
In Sheet
C
H
Hole C/
F
Code
Thickness
+0.08
-0.13
Nom.
To Edge
Min.
M3
1
4.22
4.2
4.8
6
3.5M3
1
5.41
5.39
6.4
6.8
M3.5
1
5.41
5.39
6.4
6.8
M4
1.27
7.14
7.12
7.9
8
M5
1.27
7.14
7.12
7.9
8
All dimensions are in millimeters.
GENERAL DIMENSIONAL DATA
All dimensions are in inches.
THREAD SIZE AND LENGTH SELECTION DATA
All dimensions are in inches.
All dimensions are in millimeters.
Length “L” +0.05 –0.13
(Length Code in millimeters)
BSO™/BSOS™/BSOA™/BSO4™ - BLIND THREADED STANDOFFS
Type
Thread
Thread
Size
Stainless
Hardened
Code
Steel
Steel
Aluminum Stainless Steel
.312
.375
.437
.500
.562
.625
.687
.750
.812
.875
.937
1.00
1.062
.112-40
BSO
BSOS
BSOA
BSO4
440
10
12
14
16
18
20
22
24
26
28
30
32
34
(#4-40)
6440(1)
.138-32
BSO
BSOS
BSOA
BSO4
632
10
12
14
16
18
20
22
24
26
28
30
32
34
(#6-32)
8632(1)
.164-32
BSO
BSOS
BSOA
BSO4
832
10
12
14
16
18
20
22
24
26
28
30
32
34
(#8-32)
.190-32
BSO
BSOS
BSOA
BSO4
032
10
12
14
16
18
20
22
24
26
28
30
32
34
(#10-32)
F Dimension Min.
.156
.187
.250
.375
Varies
according
to length.
See length
charts
below.
Varies
according
to length.
See length
charts
below.
BSO
– 440 – 12
ZI
BSO
S – 440 – 12
BSO
A – 440 – 12
BSO
4 – 440 – 12
NC*
PART NUMBER DESIGNATION
Material
Code
Thread
Code
Length
Code
Type
Finish
Length “L” +.002 –.005 (Length Code in 32nds of an inch)
BSO/BSOS/BSOA
PEM® “Single” or PEM® “Two Groove” Registered Trademark
Clinching profile may vary.
H
C
F
L
BSO4
Installs into stainless steel
(1) Standoffs with thread codes 6440, 8632, and 3.5M3 have a thicker wall to provide more bearing surface for the mating component or panel
reducing the chance of cracking or cutting into the board.
Please contact your local PEM® distributor for availability, minimum quantity, and pricing information.
* NC suffix is required if optional nickel plating (for corrosion resistance) is desired. Otherwise, no suffix is necessary.
• BSO standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 80 / HB (Hardness Brinell) 150 or less.
• BSOS standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 70 / HB (Hardness Brinell) 125 or less.
• BSOA standoffs are recommended for use in aluminum sheets HRB (Rockwell “B” scale) 50 / HB (Hardness Brinell) 82 or less.
• BSO4 standoffs are recommended for use in stainless steel sheets HRB (Rockwell “B” scale) 88 / HB (Hardness Brinell) 183 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com