Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 11Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PennEngineering • www.pemnet.com
SO-9
SELF-CLINCHING STANDOFFS
REQUIRED INSTALLATION
ANVIL FOR SHEETS BELOW
.032” / 0.81 mm
L* Min.
B
120˚
PUNCH
ANVIL
DSOS™/DSO™ STANDOFFS
1. Prepare properly sized mounting hole in sheet. Do not perform any secondary
operations such as deburring.
2. Insert fastener through mounting hole (preferably the punch side) and into
anvil as shown in drawing.
3. With installation punch and anvil surfaces parallel, apply only enough
squeezing force to embed the standoff’s head flush in the sheet.
TSO™/TSOS™/TSOA™/TSO4™ STANDOFFS
1. Prepare properly sized mounting hole in sheet. Do not perform
any secondary operation such as deburring.
2. Insert standoff through mounting hole (preferably the punch
side) of sheet and into anvil as shown in drawing.
3. With installation punch and anvil surfaces parallel, apply only
enough squeezing force to embed the standoff’s head flush in
the sheet. Drawing at right shows required installation anvil
for sheet thickness of .025” to .032” / 0.63 mm to 0.81 mm. A
chamfered anvil is not required for sheets over .032” / 0.81 mm.
INSTALLATION
ANVIL
L* Min.
PUNCH
*See page 7 for
“D” and “L”.
Anvil Part No.
Thread
For Sheets
Punch Part
Code
B
Anvil Part No.
Over .032”
Number
256/440
.187 - .194
8003291
970200487300
975200048
6256/6440/632
.250 - .257
8003292
970200012300
975200048
Thread
Anvil Part
Punch Part
Code
Number
Number
440/M3
970200487300
6440/3.5M3
970200012300
975200048
8632
970200013300
PEMSERTER® Installation Tooling
PEMSERTER® Installation Tooling
C*
Anvil Dimensions (in.)
For Sheets Below .032”
Anvil Part No.
Thread
For Sheets
Punch Part
Code
B
Anvil Part No.
Over 0.81 mm
Number
M2.5/M3
4.75 - 4.93
8003291
970200487300
975200048
6M25/6M3/M35
6.35 - 6.53
8003292
970200012300
975200048
Anvil Dimensions (mm)
For Sheets Below 0.81 mm
+.001” to +.004” /
+0.03 mm to +0.1 mm
C*
PUNCH
ANVIL
+.004” to +.007” /
+0.1 mm to +0.18 mm
*See page 7 for “C”
and “L”.
SOSG™/SOAG™ STANDOFFS
1. Prepare properly sized mounting hole in sheet. Do not perform any secondary
operations such as deburring.
2. Insert fastener through mounting hole (preferably the punch side) and into
anvil as shown in drawing.
3. With installation punch and anvil surfaces parallel, apply only enough
squeezing force to embed the standoff’s head flush in the sheet.
Thread
Anvil Part
Punch Part
Code
Number
Number
440/M3
970200487300
6440/3.5M3
970200012300
975200048
8632
970200013300
PEMSERTER® Installation Tooling
C*
+.004” to +.007” /
+0.1 mm to +0.18 mm
L* Min.
*See page 6 for “C”
and “L”.
INSTALLATION NOTES
• For best results we recommend using a Haeger® or PEMSERTER® press for installation of PEM® standoffs. Please check our website for more information.
• Visit the Animation Library on our website to view the installation process for this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com