Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 11Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SO-8 PennEngineering • www.pemnet.com
SELF-CLINCHING STANDOFFS
Threads (1)
Fastener Materials
Standard Finishes
Optional Finish
For Use In Sheet Hardness: (4)
Internal, ASME
Non-heat
300
Hardened
Zinc Plated
Passivated
Electroless Nickel
B1.1, 2B
Hardened
Treated
Series
400 Series
per ASTM B633,
and/or Tested
over Copper over
HRB 88 /
HRB 80 /
HRB 70 /
HRB 60 /
HRB 50 /
Type
ASME
Carbon
Carbon
Aluminum
Stainless
Stainless Steel SC1 (5µm), Type III
Per ASTM
No
Nickel Strike
HB 183
HB 150
HB 125
HB 107
HB 89
B1.13M, 6H
Steel
Steel
Steel
(5)
Colorless (2)
A380
Finish
Per ASTM B733 (2) (3)
or Less
or Less
or Less
or Less
or Less
SO
SOA
SOS
SO4
BSO
BSOA
BSOS
BSO4
TSO
TSOS
TSOA
TSO4
DSO
DSOS
SOAG
SOSG
Part Number Codes For Finishes
ZI
None
None
NC
SO™/SOS™/SOA™/SO4™/BSO™/BSOS™/BSOA™/BSO4™ STANDOFFS
1. Prepare properly sized mounting hole in sheet. Do not perform any
secondary operation such as deburring.
2. Insert standoff through mounting hole (preferably the punch side) of
sheet and into anvil as shown in drawing.
3. With installation punch and anvil surfaces parallel, apply only enough
squeezing force to embed the standoff’s head flush in the sheet.
Drawing at right shows suggested tooling for applying these forces.
C*
L* Min.
PUNCH
+.004” to +.007” /
+0.1 mm to +0.18 mm
ANVIL
INSTALLATION
(1) Where applicable.
(2) See PEM Technical Support section of our website for related plating standards and specifications.
(3) Not stocked, available on special order. Minimum quantities apply. Contact your local PEM® distributor for details.
(4) HRB - Hardness Rockwell “B” Scale. HB - Hardness Brinell.
(5) In order for self-clinching fasteners to work properly, the fastener must be harder than the sheet into which it is being installed (For more
information, see our tech sheet for installing fasteners into stainless steel sheets). In the case of stainless steel panels, fasteners made from 300
Series Stainless Steel do not meet this hardness criteria.  It is for this reason that SO4™, BSO4™ and TSO4™ 400 series fasteners are offered. 
However, while these 400 Series fasteners install and perform well in 300 Series stainless sheets they should not be used if the end product will
be exposed to any appreciable corrosive environment (unless finished with optional nickel plating), requires non-magnetic fasteners or will be
exposed to any temperatures above 300˚F (149˚C). If any of the these are issues, please contact techsupport@pemnet.com for other options.
MATERIAL AND FINISH SPECIFICATIONS
Thread
Anvil Part
Punch Part
Code
Number
Number
440/M2/M2.5/M3
970200487300
632/6440/3.5M3/M3.5
970200012300
832/8632/M4
970200013300
975200048
032/M5
970200013300
0420/M6
970200393300
PEMSERTER® Installation Tooling
*See pages 3 & 4
for “C” and “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com