Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 3Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PennEngineering • www.pemnet.com
SO-7
SELF-CLINCHING STANDOFFS
Type
Hole Size
L (1)
Min. Dist.
Thread
Stainless
Thread
Length
Sheet
In Sheet
C
H
+.002
Hole C/
Size
Steel
Steel
Code
Code
Thickness
+.003 -.000
Max.
Nom.
-.005
To Edge
.112-40
DSOS
DSO
440
250
.037 - .250
.166
.165
.194
.250
.126
(#4-40)
275
.275
Thread
Type
Hole Size
C
L (1)
Min. Dist.
Size x
Stainless
Thread
Length
Sheet
In Sheet
Max.
H
+0.05
Hole C/
Pitch
Steel
Steel
Code
Code
Thickness
+0.08
Nom.
-0.13
To Edge
M3 x 0.5
DSOS
DSO
M3
6.35
0.94 - 6.35
4.22
4.2
4.92
6.35
3.2
7
7
(1) Available in other lengths on special order.
Please contact your local PEM® distributor for availability, minimum quantity, and pricing information.
All dimensions are in inches.
All dimensions are in millimeters.
DSOS™/DSO™ THREADED STANDOFFS - FOR CLOSE-TO-EDGE APPLICATIONS
Min.
Hole
Thread
Type
Thread
Sheet
Size In
C
H
P
Min. Dist.
Size
Code
Thick-
Sheet
+.000
±.005
Nom.
HoleC/L
Stainless
.125
.187
.250
.312
.375
.437
.500
ness
+.003
–.005
To Edge
Steel
Aluminum
–.000
.112-40
SOSG
SOAG
6440
4
6
8
10
12
14
16
.040
.213
.212
.250
.030
.27
(#4-40)
.138-32
SOSG
SOAG
8632
4
6
8
10
12
14
16
.050
.281
.280
.312
.030
.31
(#6-32)
Thread
Min.
Hole
Size x
Type
Thread
Sheet
Size In
C
H
P
Min. Dist.
Pitch
Stainless
Code
Thick-
Sheet
–0.13
±0.25
Nom.
HoleC/L
Steel
Aluminum
ness
+0.08
To Edge
M3 x 0.5
SOSG
SOAG
3.5M3
3
4
6
8
10
12
1
5.4
5.39
6.4
0.76
6.8
SOSG™/SOAG™ GROUNDING/EARTHING STANDOFFS
All dimensions are in inches.
All dimensions are in millimeters.
Metal
PC Board
or plastic
DSO
S – 440 – 250
DSO
– 440 – 250
ZI
PART NUMBER DESIGNATION
Material
Code
Thread
Code
Length
Code
Type
Finish
SO
S
G – 6440 – 10
SO
A
G – 6440 – 10
PART NUMBER DESIGNATION
Material
Code
Thread
Code
Length
Code
Type
Grounding/
Earthing
Length “L” +0.25
(Length Code is in millimeters)
Length “L” +.010 -.000
(Length Code is in 32nds of an inch)
Clinching profile may vary.
C
L
H
PEM® “Two Groove” Registered Trademark
Clinching profile may vary.
H
L
P
C
Grounding/
earthing Teeth
PEM® “Two Groove”
Registered Trademark
• DSO standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 80 / HB (Hardness Brinell) 150 or less.
• DSOS standoffs are recommended for use in steel or aluminum sheets HRB (Rockwell “B” scale) 70 / HB (Hardness Brinell) 125 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com