Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 11Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SO-10 PennEngineering • www.pemnet.com
SELF-CLINCHING STANDOFFS
Max. Rec.
Test Sheet Material (2)
Thread
Standoff
Tightening
.060” 5052-H34 Aluminum
.060” Cold-rolled Steel
Code
Material
Torque For
Mating Screw
Installation
Pushout
Torque-out (3)
Pull-thru (3)
Installation
Pushout
Torque-out (3)
Pull-thru (3)
(in. lbs.)
(lbs.)
(lbs.)
(in. lbs.)
(lbs.)
(lbs.)
(lbs.)
(in. lbs.)
(lbs.)
Steel
4.75
1100
160
11
280
2200
225
19
330
440
Stainless Steel
3.8
1100
160
11
224
2200
225
19
264
Aluminum
2.85
1100
160
11
168
Steel
4.75
1700
300
25
310
3300
420
35
380
6440
Stainless Steel
3.8
1700
300
25
248
3300
420
35
304
Aluminum
2.85
1700
300
25
186
Steel
8.75
1700
300
25
310
3300
420
35
380
632
Stainless Steel
7
1700
300
25
248
3300
420
35
304
Aluminum
5.25
1700
300
25
186
Steel
8.75
2400
400
45
580
4000
560
75
700
8632
Stainless Steel
7
2400
400
45
464
4000
560
75
560
Aluminum
5.25
2400
400
45
248
Steel
18
2400
400
45
580
4000
560
75
700
832
Stainless Steel
14.4
2400
400
45
464
4000
560
75
560
Aluminum
11
2400
400
45
348
Steel
32
2400
400
45
580
4000
560
75
700
032
Stainless Steel
25.6
2400
400
45
464
4000
560
75
560
Aluminum
19
2400
400
45
348
Max. Rec.
Test Sheet Material (2)
Thread
Standoff
Tightening
1.5 mm 5052-H34 Aluminum
1.5 mm Cold-rolled Steel
Code
Material
Torque For
Mating Screw
Installation
Pushout
Torque-out (3)
Pull-thru (3)
Installation
Pushout
Torque-out (3)
Pull-thru (3)
(N•m)
(kN)
(N)
(N•m)
(N)
(kN)
(N)
(N•m)
(N)
Steel
0.55
4.9
710
1.24
1245
9.8
1000
2.15
1465
M3
Stainless Steel
0.44
4.9
710
1.24
996
9.8
1000
2.15
1172
Aluminum
0.33
4.9
710
1.24
747
Steel
0.55
7.6
1330
2.82
1375
14.7
1860
3.95
1690
3.5M3
Stainless Steel
0.44
7.6
1330
2.82
1100
14.7
1860
3.95
1352
Aluminum
0.33
7.6
1330
2.82
825
Steel
0.91
7.6
1330
2.82
1375
14.7
1860
3.95
1690
M3.5
Stainless Steel
0.73
7.6
1330
2.82
1100
14.7
1860
3.95
1352
Aluminum
0.55
7.6
1330
2.82
825
Steel
2
10.7
1780
5.08
2575
17.8
2490
8.47
3110
M4
Stainless Steel
1.6
10.7
1780
5.08
2060
17.8
2490
8.47
2488
Aluminum
1.2
10.7
1780
5.08
1545
Steel
3.6
10.7
1780
5.08
2575
17.8
2490
8.47
3110
M5
Stainless Steel
2.88
10.7
1780
5.08
2060
17.8
2490
8.47
2488
Aluminum
2.16
10.7
1780
5.08
1545
SO™/SOS™/SOA™/BSO™/BSOS™/BSOA™ STANDOFFS
(1) Published installation forces are for general reference. Actual set-up and confirmation of complete installation should be made by
observing proper seating of fastener as described in the installation steps. Other performance values reported are averages when all
proper installation parameters and procedures are followed. Variations in mounting hole size, sheet material, and installation procedure
may affect performance.  Performance testing this product in your application is recommended.  We will be happy to provide technical
assistance and/or samples for this purpose.
(2) See tech sheet on our website for performance data of PEM® Type SO™ standoffs installed into copper sheets.
(3) Joint failure in torque-out and pull-thru will depend on the strength and type of screw being used. In some cases the failure will be in the screw
and not in the self-clinching standoff. Please contact our Applications Engineering group with any questions.
PERFORMANCE DATA(1)
Max. Rec.
Test Sheet Material
Thread
Tightening
.050” 300 Series Stainless Steel
Code
Torque For
Mating Screw
Installation
Pushout
Torque-out
Pull-thru
(in. lbs.)
(lbs.)
(lbs.)
(in. lbs.) (2)
(lbs.) (2)
440
4.75
5500
336
17
600
6440
4.75
9500
647
30
680
632
8.75
9500
647
30
680
8632
8.75
10500
900
71
1392
832
18
10500
900
71
1517
032
32
10500
900
71
1368
SO4™/BSO4™ STANDOFFS
Max. Rec.
Test Sheet Material
Thread
Tightening
1.3 mm 300 Series Stainless Steel
Code
Torque For
Mating Screw
Installation
Pushout
Torque-out
Pull-thru
(N•m)
(kN)
(N)
(N•m) (2)
(N) (2)
M3
0.55
24.5
1493
2.36
2650
3.5M3
0.55
42.3
2877
3.06
3025
M3.5
0.91
42.3
2877
3.06
3025
M4
2
46.7
4003
8.89
6458
M5
3.6
46.7
4003
8.89
6226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com