Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975200048 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 975200048
Description  SELF-CLINCHING STANDOFFS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

975200048 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 975200048 Datasheet HTML 4Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 5Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 6Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 7Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 8Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 9Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 10Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 11Page - List of Unclassifed Manufacturers 975200048 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PennEngineering • www.pemnet.com
SO-11
SELF-CLINCHING STANDOFFS
DSOS™/DSO™ STANDOFFS
(1) Published installation forces are for general reference. Actual set-up and confirmation of complete installation should be made by observing
proper seating of fastener as described in the installation steps. Other performance values reported are averages when all proper
installation parameters and procedures are followed. Variations in mounting hole size, sheet material, and installation procedure may affect
performance.  Performance testing this product in your application is recommended.  We will be happy to provide technical assistance and/
or samples for this purpose.
(2) Joint failure in torque-out and pull-thru will depend on the strength and type of screw being used. In some cases the failure will be in the screw and
not in the self-clinching standoff. Please contact our Applications Engineering group with any questions.
Max. Rec.
Test Sheet Material
Tightening
.040” 5052-H34 Aluminum
.040” Cold-rolled Steel
Thread
Torque For
Code
Mating Screw
Installation
Pushout
Torque-out
Pull-thru
Installation
Pushout
Torque-out
Pull-thru
(in. lbs.)
(lbs.)
(lbs.)
(in. lbs.) (2)
(lbs.) (2)
(lbs.)
(lbs.)
(in. lbs.) (2)
(lbs.) (2)
440
3.8
700
50
10
320
1100
75
10
357
Max. Rec.
Test Sheet Material
Tightening
1 mm 5052-H34 Aluminum
1 mm Cold-rolled Steel
Thread
Torque For
Code
Mating Screw
Installation
Pushout
Torque-out
Pull-thru
Installation
Pushout
Torque-out
Pull-thru
(N•m)
(kN)
(N)
(N•m) (2)
(N) (2)
(kN)
(N)
(N•m) (2)
(N) (2)
M3
0.44
3.1
223
1.1
1422
4.9
334
1.1
1587
PERFORMANCE DATA(1)
Thread
Test Sheet Thickness and
Installation
Pushout
Torque-out
Pull-thru
Code
Test Sheet Material
(lbs.)
(lbs.)
(in. lbs.) (2)
(lbs.) (2)
6440
.064” 5052-H34 Aluminum
1700
300
25
186
8632
.064” 5052-H34 Aluminum
1700
400
45
248
SOSG™/SOAG™ STANDOFFS
Thread
Test Sheet Thickness and
Installation
Pushout
Torque-out
Pull-thru
Code
Test Sheet Material
(kN)
(N)
(N•m) (2)
(N) (2)
3.5M3
1.6 mm 5052-H34 Aluminum
7.6
1330
2.82
825
Standoff “C”
Standoff
Dimension
Material
Installation
Pushout
Torque-out (2)
Pull-thru (2)
Installation
Pushout
Torque-out (2)
Pull-thru (2)
(lbs.)
(kN)
(lbs.)
(N)
(in. lbs.)
(N•m)
(lbs.)
(N)
(lbs.)
(kN)
(lbs.)
(N)
(in. lbs.)
(N•m)
(lbs.)
(N)
.165” /
Steel
700
3.1
70
311
6
0.68
230
1022
1100
4.9
100
445
9
1
206
916
4.2 mm
Stainless Steel
700
3.1
70
311
6
0.68
268
1191
1100
4.9
100
445
9
1
260
1155
Aluminum
700
3.1
70
311
6
0.68
227
1009
.212” /
Steel
700
3.1
90
400
11
1.24
264
1173
1800
8
150
667
15
1.7
207
920
5.39 mm
Stainless Steel
700
3.1
90
400
11
1.24
340
1511
1800
8
150
667
15
1.7
344
1529
Aluminum
700
3.1
90
400
11
1.24
300
1333
TSO™/TSOS™/TSOA™ STANDOFFS
Standoff “C”
Dimension
Installation
Pushout
Torque-out (2)
Pull-thru (2)
(lbs.)
(kN)
(lbs.)
(N)
(in. lbs.)
(N•m)
(lbs.)
(N)
.165” / 4.2 mm
6500
28.9
125
555
13
1.5
414
1840
.212” / 5.39 mm
6800
30.3
160
710
22
2.5
552
2453
Test Sheet Material
.025” / 0.64 mm 300 series stainless steel
TSO4™ STANDOFFS
Test Sheet Material
.025” / 0.64 mm 5052-H34 Aluminum
.025” / 0.64 mm Cold-rolled Steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com