Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 3Page - Diodes Incorporated PI7C9X752 Datasheet HTML 4Page - Diodes Incorporated PI7C9X752 Datasheet HTML 5Page - Diodes Incorporated PI7C9X752 Datasheet HTML 6Page - Diodes Incorporated PI7C9X752 Datasheet HTML 7Page - Diodes Incorporated PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated PI7C9X752 Datasheet HTML 10Page - Diodes Incorporated PI7C9X752 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Pin Name
48-TQFP
Pin #
Type
Description
RESET (RE-
SET#)
36
I
When 16/68# pin is HIGH for Intel bus interface, this input becomes RESET (ac-
tive high). When 16/68# pin is LOW for Motorola bus interface, this input be-
comes RESET# (active low).
A 40 ns minimum active pulse on this pin will reset the internal registers and all
outputs of channel A and B. The UART transmitter output will be held HIGH, the
receiver input will be ignored and outputs are reset during reset period (see Table
16).
VCC
42
Pwr
1.62V to 3.63V power supply.
GND
17
Pwr
Power supply common, ground.
N.C.
12, 25, 37
No Connection.
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com