Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 13Page - Diodes Incorporated PI7C9X752 Datasheet HTML 14Page - Diodes Incorporated PI7C9X752 Datasheet HTML 15Page - Diodes Incorporated PI7C9X752 Datasheet HTML 16Page - Diodes Incorporated PI7C9X752 Datasheet HTML 17Page - Diodes Incorporated PI7C9X752 Datasheet HTML 18Page - Diodes Incorporated PI7C9X752 Datasheet HTML 19Page - Diodes Incorporated PI7C9X752 Datasheet HTML 20Page - Diodes Incorporated PI7C9X752 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
17
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
5.4 Polled Mode Operation
In Polled mode (IER[3:0] = 0000) the status of the receiver and transmitter can be checked by polling the Line Status Register (LSR).
This mode is an alternative to the FIFO Interrupt mode of operation where the status of the receiver and transmitter is automatically
known by means of interrupts sent to the CPU. Figure 6 shows FIFO Polled mode operation.
read LSR
HOST
0
0 0 0
THR
RHR
LSR
IER
Figure 6. FIFO Polled mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com