Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 18Page - Diodes Incorporated PI7C9X752 Datasheet HTML 19Page - Diodes Incorporated PI7C9X752 Datasheet HTML 20Page - Diodes Incorporated PI7C9X752 Datasheet HTML 21Page - Diodes Incorporated PI7C9X752 Datasheet HTML 22Page - Diodes Incorporated PI7C9X752 Datasheet HTML 23Page - Diodes Incorporated PI7C9X752 Datasheet HTML 24Page - Diodes Incorporated PI7C9X752 Datasheet HTML 25Page - Diodes Incorporated PI7C9X752 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
22
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
25000
48
20
0
38400
25
25
0
57600
22
19
0.32
115200
8
26
0.16
225000
6
18
1.2
400000
3
20
0
921600
1
26
0.16
1000000
1
24
0
10. RS-485 Features
10.1 Auto RS-485 RTS Control
Normally the RTS pin is controlled by MCR bit 1, or if hardware flow control is enabled, the logic state of the RTS pin is controlled
by the hardware flow control circuitry. DLD register bit 6 will take the precedence over the other two modes; once this bit is set, the
transmitter will control the state of the RTS pin. The transmitter automatically de-asserts the RTS pin (logic 1) once the host writes
data to the transmit FIFO, and asserts RTS pin (logic 0) once the last bit of the data has been transmitted.
To use the auto RS-485 RTS mode the software would have to disable the hardware flow control function.
10.2 RS-485 RTS Output Inversion
RS485 register bit 5 reverses the polarity of the RTS pin if the UART is in auto RS-485 RTS mode. When the transmitter has data to be
sent it asserts the RTS pin (logic 0), and when the last bit of the data has been sent out the transmitter de-asserts the RTS pin (logic 1).
10.3 Auto RS-485
RS485 register bit 0 is used to enable the RS-485 mode (multidrop or 9-bit mode). In this mode of operation, a ‘master’ station trans-
mits an address character followed by data characters for the addressed ‘slave’ stations. The slave stations examine the received data
and interrupt the controller if the received character is an address character (parity bit = 1).
To use the auto RS-485 RTS mode the software would have to disable the hardware flow control function.
10.3.1 Normal Multidrop Mode
The 9-bit mode in RS485 register bit 0 is enabled, but not Special Character Detect (EFR bit 5). The receiver is set to Force Parity 0
(LCR[5:3] = 111) in order to detect address bytes.
With the receiver initially disabled, it ignores all the data bytes (parity bit = 0) until an address byte is received (parity bit = 1). This
address byte will cause the UART to set the parity error. The UART will generate a line status interrupt (IER bit 2 must be set to ‘1’ at
this time), and at the same time puts this address byte in the RX FIFO. After the controller examines the byte it must make a decision
whether or not to enable the receiver; it should enable the receiver if the address byte addresses its ID address, and must not enable the
receiver if the address byte does not address its ID address.
If the controller enables the receiver, the receiver will receive the subsequent data until being disabled by the controller after the
controller has received a complete message from the ‘master’ station. If the controller does not disable the receiver after receiving a
message from the ‘master’ station, the receiver will generate a parity error upon receiving another address byte. The controller then
determines if the address byte addresses its ID address, if it is not, the controller then can disable the receiver. If the address byte ad-
dresses the ‘slave’ ID address, the controller take no further action; the receiver will receive the subsequent data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com