Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated PI7C9X752 Datasheet HTML 10Page - Diodes Incorporated PI7C9X752 Datasheet HTML 11Page - Diodes Incorporated PI7C9X752 Datasheet HTML 12Page - Diodes Incorporated PI7C9X752 Datasheet HTML 13Page - Diodes Incorporated PI7C9X752 Datasheet HTML 14Page - Diodes Incorporated PI7C9X752 Datasheet HTML 15Page - Diodes Incorporated PI7C9X752 Datasheet HTML 16Page - Diodes Incorporated PI7C9X752 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
TRANSMIT FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon1 WORD
Xon2 WORD
Xoff1 WORD
Xoff2 WORD
Figure 4. Example of so ware ow control
RECEIVE FIFO
SERIAL-TO-PARALLEL
PARALLEL-TO-SERIAL
Xon1 WORD
Xon2 WORD
Xoff1 WORD
Xoff2 WORD
data
Xoff–Xon–Xoff
compare
programmed
Xon-Xoff
characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com