Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated PI7C9X752 Datasheet HTML 10Page - Diodes Incorporated PI7C9X752 Datasheet HTML 11Page - Diodes Incorporated PI7C9X752 Datasheet HTML 12Page - Diodes Incorporated PI7C9X752 Datasheet HTML 13Page - Diodes Incorporated PI7C9X752 Datasheet HTML 14Page - Diodes Incorporated PI7C9X752 Datasheet HTML 15Page - Diodes Incorporated PI7C9X752 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
12
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
3.1 Receive Flow Control
When software flow control operation is enabled, UART will compare incoming data with Xoff1/Xoff2 programmed characters (in
certain cases, Xoff1 and Xoff2 must be received sequentially). When the correct Xoff characters are received, transmission is halted
after completing transmission of the current character. Xoff detection also sets ISR[4] (if enabled via IER[5]) and causes IRCE#to go
LOW.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases Xon1 and Xon2 must be received sequentially).
When the correct Xon characters are received, ISR[4] is cleared, and the Xoff interrupt disappears.
3.2 Transmit Flow Control
Xoff1/Xoff2 character is transmitted after the receive FIFO crosses the programmed halting level in TCR[3:0](if non-zero) or pro-
grammed receiver trigger level (for all trigger tables A-D). Xon1/Xon2 character is transmitted as soon as receive FIFO is below the
programmed resuming level in TCR[7:4](if non-zero) or less than one trigger level below the programmed receiver trigger level (for
Trigger Tables A, B, and C) or when receive FIFO is less than the trigger level minus the hysteresis value (for Trigger Table D). This
hysteresis value is the same as the Auto RTS Hysteresis value in Table 3.
Table 3. Selectable Hysteresis Levels When Trigger Table-D is Selected
FCTR BIT-3
FCTR BIT-2
FCTR BIT-1
FCTR BIT-0
RTS Hysteresis
(Characters)
0
0
0
0
0
0
0
0
1
+/- 4
0
0
1
0
+/- 6
0
0
1
1
+/- 8
0
1
0
0
+/- 8
0
1
0
1
+/- 16
0
1
1
0
+/- 24
0
1
1
1
+/- 32
1
1
0
0
+/- 12
1
1
0
1
+/- 20
1
1
1
0
+/- 28
1
1
1
1
+/- 36
1
0
0
0
+/- 40
1
0
0
1
+/- 44
1
0
1
0
+/- 48
1
0
1
1
+/- 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com