Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI7C9X752 Datasheet HTML 1Page - Diodes Incorporated PI7C9X752 Datasheet HTML 2Page - Diodes Incorporated PI7C9X752 Datasheet HTML 3Page - Diodes Incorporated PI7C9X752 Datasheet HTML 4Page - Diodes Incorporated PI7C9X752 Datasheet HTML 5Page - Diodes Incorporated PI7C9X752 Datasheet HTML 6Page - Diodes Incorporated PI7C9X752 Datasheet HTML 7Page - Diodes Incorporated PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
INTB
PI7C9X752
48-QFP
Intel Mode Only
RXB
RESET
RXA
D7
D5
D0
D1
D6
CSA#
TXA
TXB
CSB#
TXRDYB#
OP2B#
NC
NC
A2
A0
A1
INTA
RXRDYA#
OP2A#
RTSA#
DTRA#
DTRB#
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
INTB
PI7C9X752
48-QFP
Intel Mode
RXB
VCC
RESET
RXA
D7
D5
D0
D1
D6
CSA#
TXA
TXB
CSB#
TXRDYB#
OP2B#
NC
NC
A2
A0
A1
INTA
RXRDYA#
OP2A#
RTSA#
DTRA#
DTRB#
Pin Configuration 48-QFP
Pin Configuration 48-QFP
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
GND
PI7C9X752
48-QFP
Motorola Mode
RXB
RESET#
RXA
D7
D5
D0
D1
D6
CS#
TXA
TXB
TXRDYB#
OP2B#
NC
NC
A2
A0
A1
IRQ#
RXRDYA#
OP2A#
RTSA#
DTRA#
DTRB#
A3
NC
Pin Configuration 48-QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com