Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI7C9X752 Datasheet HTML 1Page - Diodes Incorporated PI7C9X752 Datasheet HTML 2Page - Diodes Incorporated PI7C9X752 Datasheet HTML 3Page - Diodes Incorporated PI7C9X752 Datasheet HTML 4Page - Diodes Incorporated PI7C9X752 Datasheet HTML 5Page - Diodes Incorporated PI7C9X752 Datasheet HTML 6Page - Diodes Incorporated PI7C9X752 Datasheet HTML 7Page - Diodes Incorporated PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Block Diagram
PI7C9X752 BLOCK DIAGRAM
Host
Interface
Crystal OSC/Buffer
TX & RX
UART
Regs
UART-A
IR 1.0/
1.1
ENDEC
TXA,RXA,DTRA#
DSRA#, RTSA#
64 Byte TX FIFO
64 Byte RX FIFO
BRG
CTSA#,CDA#,RIA#
TXB,RXB,DTRB#
DSRB#, RTSB#
CTSB#,CDB#,RIB#
XTAL1
XTAL2
RESET
A[2:0]
D[7:0]
IOR#
IOW#
TXRDYB#
16/68#
CSA#
CSB#
INTA
INTB
TXRDYA#
OPA#
OPB#
TX & RX
UART
Regs
UART-B
IR 1.0/
1.1
ENDEC
64 Byte TX FIFO
64 Byte RX FIFO
BRG
RXRDYB#
RXRDYA#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com