Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI7C9X752 Datasheet HTML 1Page - Diodes Incorporated PI7C9X752 Datasheet HTML 2Page - Diodes Incorporated PI7C9X752 Datasheet HTML 3Page - Diodes Incorporated PI7C9X752 Datasheet HTML 4Page - Diodes Incorporated PI7C9X752 Datasheet HTML 5Page - Diodes Incorporated PI7C9X752 Datasheet HTML 6Page - Diodes Incorporated PI7C9X752 Datasheet HTML 7Page - Diodes Incorporated PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
Features
Î
Î
1.62V to 3.6V with 5V Tolerant Serial Inputs
Î
Î
Programmable Sleep Mode with automatic wake-up
à
Intel or Motorola Data Bus Interface select
Î
Î
Each UART is independently controlled with:
à
16C550 Compatible Register Set
à
64-byte Transmit and Receive FIFOs
à
Transmit and Receive FIFO Level Counters
à
Programmable TX and RX FIFO Trigger Levels for
DMA and Interrupt Generation
→ Programmable Receive FIFO Trigger Levels for
Software/Hardware Flow Control
→ Programmable hysteresis(Table A-D) for Software/
Hardware Flow Control
à
Automatic RTS/CTS Flow Control
à
Automatic Xon/Xoff Software Flow Control with
Optional Data Flow Resume by Xon Any Character
→ DMA Signaling Capability for both Received and
Transmitted Data
à
RS485 HDX Control Output
à
RS485 auto address detection
à
Infrared (IrDA 1.0/1.1) Data Encoder/Decoder
à
Programmable Data Rate with Prescaler
Î
Î
Up to 16 Mbps Serial Data Rate with 64MHz external clock
input
Î
Î
Crystal oscillator(up to 24MHz) or external clock(up to
80MHz) input
Î
Î
Built in Power-On-Reset circuit
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Description
The PI7C9X752 (752), is a 1.62V to 3.6V dual Universal Asyn-
chronous Receiver and Transmitter (UART) with 5V tolerant se-
rial (modem) inputs. The highly integrated device is designed for
high bandwidth requirement in communication systems. Each
UART has its own 16C550 compatible set of configuration regis-
ters, TX and RX FIFOs of 64 bytes, fully programmable transmit
and receive FIFO trigger levels, TX and RX FIFO level counters,
automatic RTS/CTS hardware flow control with programmable
hysteresis, automatic software (Xon/Xoff) flow control, RS-485
half-duplex direction control, Intel or Motorola bus interface and
sleep mode for power saving.
Application
Î
Î
Remote Access Servers
Î
Î
Ethernet Network to Serial Ports
Î
Î
Network Management
Î
Î
Factory Automation and Process Control
Î
Î
Point-of-Sale Systems
Î
Î
Multi-port RS-232/RS-422/RS-485 Cards
A product Line of
Diodes Incorporated
PI7C9X752
High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
b
P
Lead-free Green
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI7C9X752

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
PI7C9X760ACLEX DIODES-PI7C9X760ACLEX Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
PI7C9X760BCLEX DIODES-PI7C9X760BCLEX Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
PI7C9X760CZDEX DIODES-PI7C9X760CZDEX Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
PI7C9X762Q DIODES-PI7C9X762Q Datasheet
384Kb / 1P
Automotive I2C-Bus/SPI to UART Bridge Controller with 64 Bytes of TX/RX FIFOs
Rev 3 August 2025
More results

Similar Description - PI7C9X752

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com