Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 38 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 38 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 34Page - Diodes Incorporated PI7C9X752 Datasheet HTML 35Page - Diodes Incorporated PI7C9X752 Datasheet HTML 36Page - Diodes Incorporated PI7C9X752 Datasheet HTML 37Page - Diodes Incorporated PI7C9X752 Datasheet HTML 38Page - Diodes Incorporated PI7C9X752 Datasheet HTML 39Page - Diodes Incorporated PI7C9X752 Datasheet HTML 40Page - Diodes Incorporated PI7C9X752 Datasheet HTML 41Page - Diodes Incorporated PI7C9X752 Datasheet HTML 42Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
38
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Pin Name Parameter
Min.
Max.
Unit
TSSR
Delay From Stop To Set RXRDY#
1
Bclk
TRR
Delay From IOR# To Reset RXRDY#
45
ns
TSRT
Delay From Center of Start To Reset TXRDY#
8
Bclk
Bclk
Baud Clock
16X or 8X of data rate
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com