Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752 Datasheet(PDF) 37 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 37 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 33Page - Diodes Incorporated PI7C9X752 Datasheet HTML 34Page - Diodes Incorporated PI7C9X752 Datasheet HTML 35Page - Diodes Incorporated PI7C9X752 Datasheet HTML 36Page - Diodes Incorporated PI7C9X752 Datasheet HTML 37Page - Diodes Incorporated PI7C9X752 Datasheet HTML 38Page - Diodes Incorporated PI7C9X752 Datasheet HTML 39Page - Diodes Incorporated PI7C9X752 Datasheet HTML 40Page - Diodes Incorporated PI7C9X752 Datasheet HTML 41Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
37
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
AC Electrical Characteristic
TA = -40oC to +85oC, VCC is 1.62V to 3.6V, 70pF load where applicable
Symbol
Parameter
Unit
Min.
Max.
TC1,TC2
Clock Pulse Period
6
ns
TOSC
Crystal Frequency
24
MHz
TECK
External Clock Frequency
80
MHz
TAS
Address Setup (16 Mode)
0
ns
TAH
Address Hold (16 Mode)
0
ns
TCS
Chip Select Width (16 Mode)
20
ns
TDY
Delay between CS# Active Cycles (16 Mode)
20
ns
TRD
Read Strobe Width (16 Mode)
20
ns
TWR
Write Strobe Width (16 Mode)
20
ns
TRDV
Read Data Valid (16 Mode)
30
ns
TWDS
Write Data Setup (16 Mode)
10
ns
TRDH
Read Data Hold (16 Mode)
10
ns
TWDH
Write Data Hold (16 Mode)
5
ns
TADS
Address Setup (68 Mode)
0
ns
TADH
Address Hold (68 Mode)
0
ns
TRWS
R/W# Setup to CS# (68 Mode)
0
ns
TRDA
Read Data Access (68 mode)
30
ns
TRDH
Read Data Hold (68 mode)
10
ns
TWDS
Write Data Setup (68 mode)
10
ns
TWDH
Write Data Hold (68 Mode)
5
ns
TRWH
CS# De-asserted to R/W# De-asserted (68 Mode)
1
ns
TCSL
CS# Width (68 Mode)
15
ns
TCSD
CS# Cycle Delay (68 Mode)
20
ns
TWDO
Delay from IOW# to Modem Output
50
ns
TMOD
Delay to set Interrupt from Modem Input
50
ns
TRSI
Delay To Reset Interrupt From IOR#
50
ns
TSSI
Delay From Stop To Set Interrupt
1
Bclk
TRRI
Delay From IOR# To Reset Interrupt
45
ns
TSI
Delay From Stop To Interrupt
45
ns
TWRI
Delay From IOW# To Reset Interrupt
45
ns
TRST
Reset Pulse
40
ns
TWT
Delay From IOW# To Set TXRDT#
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com